Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58052UMG Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY58052UMG
Description  ULTRA-PRECISION CML DATA AND CLOCK SYNCHRONIZER W/ INTERNAL INPUT AND OUTPUT TERMINATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58052UMG Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY58052UMG Datasheet HTML 1Page - Micrel Semiconductor SY58052UMG Datasheet HTML 2Page - Micrel Semiconductor SY58052UMG Datasheet HTML 3Page - Micrel Semiconductor SY58052UMG Datasheet HTML 4Page - Micrel Semiconductor SY58052UMG Datasheet HTML 5Page - Micrel Semiconductor SY58052UMG Datasheet HTML 6Page - Micrel Semiconductor SY58052UMG Datasheet HTML 7Page - Micrel Semiconductor SY58052UMG Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Precision Edge®
SY58052U
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
PIN DESCRIPTION
13
14
15
16
12
11
10
9
1
2
3
4
8
7
6
5
CLK
/CLK
DATA
/DATA
Q
GND
GND
/Q
16-Pin MLF® (MLF-16)
Pin Number
Pin Name
Pin Function
1, 2
CLK, /CLK
Differential Input: This input pair is the clock signal that re-times the data signal at DATA, /DATA.
Each pin of this pair internally terminates to the VTCLK pin to 50Ω. Note that this input will
default to an indeterminate state if left open. See “Input Interface Applications” section.
3, 4
DATA, /DATA
Differential Input: This input pair is the signal to be synchronized by the CLK, /CLK signal. Each
pin of this pair internally terminates to the VTD pin to 50Ω. Note that this input will default to an
indeterminate state if left open. See “Input Interface Applications” section.
5VTData
Input Termination Center-Tap: Each of the two inputs, DATA, /DATA terminates to this pin. The
VTData pin provides a center-tap to a termination network for maximum interface flexibility.
See “Input Interface Applications” section.
6
/RESET
TTL/CMOS-Compatible Input: The /RESET input asynchronously forces the Q output to a logic
“0” state whenever it is active low. Possible state changes due to rising edges on CLK, /CLK are
ignored until /RESET goes inactive high.
7, 10, 11, 14, 15
GND
Ground. Exposed pad must be connected to the same potential as the GND pin.
(Exposed Pad)
8, 13
VCC
Positive Power Supply. Bypass with 0.1µF0.01µF low ESR capacitors.
12, 9
Q, /Q
Differential Output: This CML output pair is the output of the flip-flop. The Data input is
transferred to the Q output at the rising edge of CLK (falling edge of /CLK). See “Input Interface
Applications” section.
16
VTCLK
Input Termination Center-Tap: Each of the two inputs, CLK, /CLK terminates to this pin. The
VTCLK pin provides a center-tap to a termination network for maximum interface flexibility.
See “Input Interface Applications” section.
DATA
/DATA
CLK
/CLK
/RESET
Q
/Q
X
XXX
0
0
1
XX
011
QN–1
/QN–1
XX
101
QN–1
/QN–1
01
10
1
10
11
0
TRUTH TABLES
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY58052UMI
MLF-16
Industrial
052U
Sn-Pb
SY58052UMITR(2)
MLF-16
Industrial
052U
Sn-Pb
SY58052UMG(3)
MLF-16
Industrial
052U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY58052UMGTR(2, 3)
MLF-16
Industrial
052U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC electricals only.
2. Tape and Reel.
3. Pb-Free package recommended for new designs.


Similar Part No. - SY58052UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58052UMG MICREL-SY58052UMG Datasheet
172Kb / 8P
   ULTRA-PRECISION CML DATA AND CLOCK SYNCHRONIZER W/ INTERNAL INPUT
SY58052UMGTR MICREL-SY58052UMGTR Datasheet
172Kb / 8P
   ULTRA-PRECISION CML DATA AND CLOCK SYNCHRONIZER W/ INTERNAL INPUT
More results

Similar Description - SY58052UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58052AU MICREL-SY58052AU Datasheet
767Kb / 13P
   Ultra-Precision CML Data and Clock Synchronizer with Internal Input and Output Termination
SY58052U MICREL-SY58052U_10 Datasheet
172Kb / 8P
   ULTRA-PRECISION CML DATA AND CLOCK SYNCHRONIZER W/ INTERNAL INPUT
SY58051AU MICREL-SY58051AU Datasheet
984Kb / 14P
   Ultra-Precision CML AnyGate with Internal Input and Output Termination
SY58051U MICREL-SY58051U Datasheet
156Kb / 10P
   ULTRA-PRECISION CML AnyGate WITH INTERNAL INPUT AND OUTPUT TERMINATION
SY58051U MICREL-SY58051U_11 Datasheet
831Kb / 13P
   Ultra-Precision CML AnyGate 짰 with Internal Input and Output Termination
logo
ON Semiconductor
NB7L32M ONSEMI-NB7L32M Datasheet
179Kb / 11P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
November, 2005 ??Rev. 0
NB7L32M ONSEMI-NB7L32M_12 Datasheet
189Kb / 10P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
January, 2011 ??Rev. 3
NB7L11M ONSEMI-NB7L11M_16 Datasheet
229Kb / 11P
   CML Outputs and Internal Termination
August, 2016 ??Rev. 4
logo
Micrel Semiconductor
SY58603U MICREL-SY58603U Datasheet
677Kb / 13P
   4.25Gbps Precision CML Buffer with Internal Termination and Fail Safe Input
logo
ON Semiconductor
NB7L86M ONSEMI-NB7L86M Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
January, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com