Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58052U Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY58052U
Description  ULTRA-PRECISION CML DATA AND CLOCK SYNCHRONIZER W/ INTERNAL INPUT AND OUTPUT TERMINATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58052U Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY58052U Datasheet HTML 1Page - Micrel Semiconductor SY58052U Datasheet HTML 2Page - Micrel Semiconductor SY58052U Datasheet HTML 3Page - Micrel Semiconductor SY58052U Datasheet HTML 4Page - Micrel Semiconductor SY58052U Datasheet HTML 5Page - Micrel Semiconductor SY58052U Datasheet HTML 6Page - Micrel Semiconductor SY58052U Datasheet HTML 7Page - Micrel Semiconductor SY58052U Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Precision Edge®
SY58052U
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
TYPICAL OPERATING CHARACTERISTICS
622Mbps Output
TIME (500ps/div.)
PRBS 223–1
1.25Gbps Output
TIME (200ps/div.)
PRBS 223–1
100
105
110
115
120
125
130
135
140
-60 -40 -20 0
20 40 60 80 100
TEMPERATURE (°C) (Forced Air)
IN to Q Propagation Delay
vs. Temperature
PECL (800mV Swing)
CML (200mV Swing)
LVDS (400mV Swing)
200
220
240
260
280
300
320
340
360
380
400
420
02468
10
12
DATA RATE (Gbps)
Output Amplitude
vs. Data Rate
V
CC = 3.3V, GND = 0V, CLK = 400mV, D = 400mV, TA = 25°C.
2.5Gbps Output
TIME (100ps/div.)
PRBS 223–1
5Gbps Output
TIME (50ps/div.)
PRBS 223–1
7Gbps Output
TIME (20ps/div.)
PRBS 223–1
10.7Gbps Output
TIME (20ps/div.)
PRBS 223–1


Similar Part No. - SY58052U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58052U MICREL-SY58052U Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58052UMG MICREL-SY58052UMG Datasheet
172Kb / 8P
   ULTRA-PRECISION CML DATA AND CLOCK SYNCHRONIZER W/ INTERNAL INPUT
SY58052UMGTR MICREL-SY58052UMGTR Datasheet
172Kb / 8P
   ULTRA-PRECISION CML DATA AND CLOCK SYNCHRONIZER W/ INTERNAL INPUT
SY58052UMI MICREL-SY58052UMI Datasheet
172Kb / 8P
   ULTRA-PRECISION CML DATA AND CLOCK SYNCHRONIZER W/ INTERNAL INPUT
SY58052UMITR MICREL-SY58052UMITR Datasheet
172Kb / 8P
   ULTRA-PRECISION CML DATA AND CLOCK SYNCHRONIZER W/ INTERNAL INPUT
More results

Similar Description - SY58052U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58052AU MICREL-SY58052AU Datasheet
767Kb / 13P
   Ultra-Precision CML Data and Clock Synchronizer with Internal Input and Output Termination
SY58052U MICREL-SY58052U_10 Datasheet
172Kb / 8P
   ULTRA-PRECISION CML DATA AND CLOCK SYNCHRONIZER W/ INTERNAL INPUT
SY58051AU MICREL-SY58051AU Datasheet
984Kb / 14P
   Ultra-Precision CML AnyGate with Internal Input and Output Termination
SY58051U MICREL-SY58051U Datasheet
156Kb / 10P
   ULTRA-PRECISION CML AnyGate WITH INTERNAL INPUT AND OUTPUT TERMINATION
SY58051U MICREL-SY58051U_11 Datasheet
831Kb / 13P
   Ultra-Precision CML AnyGate 짰 with Internal Input and Output Termination
logo
ON Semiconductor
NB7L32M ONSEMI-NB7L32M Datasheet
179Kb / 11P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
November, 2005 ??Rev. 0
NB7L32M ONSEMI-NB7L32M_12 Datasheet
189Kb / 10P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
January, 2011 ??Rev. 3
NB7L11M ONSEMI-NB7L11M_16 Datasheet
229Kb / 11P
   CML Outputs and Internal Termination
August, 2016 ??Rev. 4
logo
Micrel Semiconductor
SY58603U MICREL-SY58603U Datasheet
677Kb / 13P
   4.25Gbps Precision CML Buffer with Internal Termination and Fail Safe Input
logo
ON Semiconductor
NB7L86M ONSEMI-NB7L86M Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
January, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com