Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58051UMG Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY58051UMG
Description  ULTRA-PRECISION CML AnyGate WITH INTERNAL INPUT AND OUTPUT TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58051UMG Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY58051UMG Datasheet HTML 2Page - Micrel Semiconductor SY58051UMG Datasheet HTML 3Page - Micrel Semiconductor SY58051UMG Datasheet HTML 4Page - Micrel Semiconductor SY58051UMG Datasheet HTML 5Page - Micrel Semiconductor SY58051UMG Datasheet HTML 6Page - Micrel Semiconductor SY58051UMG Datasheet HTML 7Page - Micrel Semiconductor SY58051UMG Datasheet HTML 8Page - Micrel Semiconductor SY58051UMG Datasheet HTML 9Page - Micrel Semiconductor SY58051UMG Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Precision Edge®
SY58051U
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
INPUT INTERFACE APPLICATIONS
A, B, S
/A, /B, /S
VT
SY58051U
VCC
NC
Input HIGH level shown
1kΩ
GND
Figure 3a. Static Input Level
A, B, S
/A, /B, /S
VT
SY58051U
VCC
NC
GND
Figure 3b. LVDS Interface
(DC-Coupled)
GND
A, B, S
/A, /B, /S
VT
SY58051U
VCC
NC
Figure 3c. CML Interface
(DC-Coupled)
Option: VT may be connected to VCC.
GND
A, B, S
/A, /B, /S
VT
0.1µF
SY58051U
VCC
VCC
0.01µF
R1
R2
Note:
R1 = 1kΩ, R2 = 1.4kΩ.
Figure 3d. CML Interface
(AC-Coupled)
Part Number
Function
Data Sheet Link
SY58016L
3.3V 10Gbps Differential CML Line Driver/
www.micrel.com/product-info/products/sy58016l.shtml
Receiver with Internal Termination
SY58052U
10Gbps Clock/Data Retimer with 50Ω
www.micrel.com/product-info/products/sy58052u.shtml
Input Termination
MLF® Application Note
www.amkor.com/products/notes_papers/MLF_AppNote_0902.pdf
HBW Solutions
New Products and Applications
www.micrel.com/product-info/products/solutions.shtml
RELATED PRODUCT AND SUPPORT DOCUMENTATION
A, B, S
/A, /B, /S
VT
SY58051U
VCC
GND
0.1µF
Rb
Note: Rb = 50Ω.
VCC
Figure 3e. PECL Interface
(DC-Coupled)
A, B, S
/A, /B, /S
VT
SY58051U
VCC
VCC
0.1µF
Rpd
Rpd
R1
R2
0.1µF
Note:
For 3.3V, Rpd = 100Ω, R1 = 1kΩ , R2 = 1.4kΩ.
For 2.5V, Rpd = 50Ω, R1 = 1kΩ , R2 = 1.4kΩ.
Figure 3f. PECL Interface
(AC-Coupled)


Similar Part No. - SY58051UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58051UMG MICREL-SY58051UMG Datasheet
831Kb / 13P
   Ultra-Precision CML AnyGate 짰 with Internal Input and Output Termination
SY58051UMGTR MICREL-SY58051UMGTR Datasheet
831Kb / 13P
   Ultra-Precision CML AnyGate 짰 with Internal Input and Output Termination
More results

Similar Description - SY58051UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58051AU MICREL-SY58051AU Datasheet
984Kb / 14P
   Ultra-Precision CML AnyGate with Internal Input and Output Termination
SY58051U MICREL-SY58051U_11 Datasheet
831Kb / 13P
   Ultra-Precision CML AnyGate 짰 with Internal Input and Output Termination
SY58052AU MICREL-SY58052AU Datasheet
767Kb / 13P
   Ultra-Precision CML Data and Clock Synchronizer with Internal Input and Output Termination
SY58052U MICREL-SY58052U Datasheet
194Kb / 8P
   ULTRA-PRECISION CML DATA AND CLOCK SYNCHRONIZER W/ INTERNAL INPUT AND OUTPUT TERMINATION
SY58603U MICREL-SY58603U Datasheet
677Kb / 13P
   4.25Gbps Precision CML Buffer with Internal Termination and Fail Safe Input
SY58040U MICREL-SY58040U_11 Datasheet
464Kb / 12P
   ULTRA PRECISION 4횞4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58600U MICREL-SY58600U Datasheet
192Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
SY58600U MICREL-SY58600U_07 Datasheet
134Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
SY58609U MICREL-SY58609U Datasheet
823Kb / 14P
   4.25Gbps Precision, CML 2:1 MUX with Internal Termination and Fail Safe Input
SY58052U MICREL-SY58052U_10 Datasheet
172Kb / 8P
   ULTRA-PRECISION CML DATA AND CLOCK SYNCHRONIZER W/ INTERNAL INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com