Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58035UMG Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58035UMG
Description  4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58035UMG Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58035UMG Datasheet HTML 1Page - Micrel Semiconductor SY58035UMG Datasheet HTML 2Page - Micrel Semiconductor SY58035UMG Datasheet HTML 3Page - Micrel Semiconductor SY58035UMG Datasheet HTML 4Page - Micrel Semiconductor SY58035UMG Datasheet HTML 5Page - Micrel Semiconductor SY58035UMG Datasheet HTML 6Page - Micrel Semiconductor SY58035UMG Datasheet HTML 7Page - Micrel Semiconductor SY58035UMG Datasheet HTML 8Page - Micrel Semiconductor SY58035UMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Precision Edge®
SY58035U
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
■ Provides six ultra-low skew copies of the selected
input
■ 2:1 MUX input included for clock switchover
applications
■ Guaranteed AC performance over temperature and
voltage:
•Clock frequency range: DC to > 4.5GHz
• <320ps IN-to-OUT tpd
• <110ps tr /tf times
• <20ps skew (output-to-output)
■ Ultra-low jitter design:
• <1psRMS random jitter
• <10psPP total jitter (clock)
• <1psRMS cycle-to-cycle jitter
• <0.7psRMS crosstalk-induced jitter
■ Low supply voltage operation: 2.5V and 3.3V
■ Unique input termination and VT pin accepts DC-
coupled and AC-coupled inputs (CML, PECL, LVDS)
■ Unique input isolation design minimizes crosstalk
■ 100K LVPECL compatible output swing
■ –40°C to +85°C temperature range
■ Available in 32-pin (5mm ×
×
×
×
× 5mm) MLF® package
FEATURES
4.5GHz, 1:6 LVPECL FANOUT
BUFFER WITH 2:1 MUX INPUT
AND INTERNAL TERMINATION
Precision Edge®
SY58035U
APPLICATIONS
■ Redundant clock distribution
■ All SONET/SDH clock/data distribution
■ All Fibre Channel distribution
■ All Gigabit Ethernet clock distribution
The SY58035U is a 2.5V/3.3V precision, high-speed, 1:6
fanout capable of handling clocks up to 4.5GHz. A differential
2:1 MUX input is included for redundant clock switchover
applications.
The differential input includes Micrel’s unique, 3-pin input
termination architecture that allows the device to interface
to any differential signal (AC- or DC-coupled) as small as
100mV without any level shifting or termination resistor
networks in the signal path. The outputs are LVPECL (100K,
temperature compensated), with extremely fast rise/fall times
guaranteed to be less than 110ps.
The SY58035U operates from a 2.5V ±5% supply or a
3.3V ±10% supply and is guaranteed over the full industrial
temperature range of –40°C to +85°C. For applications that
require CML outputs, consider the SY58034U or for 400mV
LVPECL outputs the SY58036U. The SY58035U is part of
Micrel’s high-speed, Precision Edge® product line.
All support documentation can be found on Micrel’s web
site at www.micrel.com.
FUNCTIONAL BLOCK DIAGRAM
Precision Edge is a registered trademark of Micrel, Inc.
MicroLeadFrame and MLF are registered trademarks of Amkor Technology, Inc.
Precision Edge®
Q0
/Q0
Q1
/Q1
Q2
/Q2
Q3
/Q3
Q4
/Q4
Q5
/Q5
IN0
/IN0
VT0
50Ω
50Ω
IN1
/IN1
VT1
50Ω
50Ω
0
1
Mux
SEL
(TTL/CMOS)
S
VREF-AC0
VREF-AC1
2:1 Mux
1:6 Fanout
Rev.: D
Amendment: /0
Issue Date:
February 2007


Similar Part No. - SY58035UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58035UMG MICREL-SY58035UMG Datasheet
487Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58035UMGTR MICREL-SY58035UMGTR Datasheet
487Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
More results

Similar Description - SY58035UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58035U MICREL-SY58035U_10 Datasheet
487Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58036U MICREL-SY58036U Datasheet
104Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58036U MICREL-SY58036U_10 Datasheet
655Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY89856U MICREL-SY89856U Datasheet
366Kb / 11P
   2GHz, Low-Power, 1:6 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
logo
Renesas Technology Corp
8S58035I RENESAS-8S58035I Datasheet
656Kb / 22P
   Low Skew, 2:1 LVPECL MUX with 1:6 Fanout and Internal Termination
February 5, 2016
logo
Micrel Semiconductor
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58038U MICREL-SY58038U_07 Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038U MICREL-SY58038U Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY89859U MICREL-SY89859U Datasheet
540Kb / 13P
   Precision Low-Power 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com