Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58032UMGTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY58032UMGTR
Description  ULTRA-PRECISION 1:8 FANOUT vBUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58032UMGTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY58032UMGTR Datasheet HTML 1Page - Micrel Semiconductor SY58032UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY58032UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY58032UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY58032UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY58032UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY58032UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY58032UMGTR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Precision Edge®
SY58032U
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Power Supply Voltage (V
CC ) ...................... –0.5V to +4.0V
Input Voltage (V
IN) ......................................... –0.5V to VCC
Current (V
T)
Source or sink current on V
T pin ........................ ±100mA
Input Current (V
T)
Source or sink current on IN, /IN .......................... ±50mA
Current (V
REF)
Source or sink current on V
REF-AC
(3) ....................... ±1.5mA
Lead Temperature Soldering, (20 sec.) .................... 260°C
Storage Temperature Range (T
S ) ........... –65°C to +150°C
Operating Ratings(2)
Power Supply Voltage (V
CC) ................. +2.375V to +3.60V
Ambient Temperature Range (T
A) ............. –40°C to +85°C
Package Thermal Resistance(4)
MLF® JA)
Still-Air ............................................................. 35°C/W
MLF® JB)
Junction-to-Board ............................................ 20°C/W
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply Voltage
2.5V nominal
2.375
2.5
2.625
V
3.3V nominal
3.0
3.3
3.6
V
ICC
Power Supply Current
VCC = max. No load. Includes current
190
250
mA
through 50Ω pull-ups.
VIH
Input HIGH Voltage
IN, /IN
V
CC–1.2
V
CC
V
VIL
Input LOW Voltage
IN, /IN
0
V
IH–0.1
V
VIN
Input Voltage Swing
IN, /IN, see Figure 1a.
0.1
1.7
V
V
DIFF_IN
Differential Input Voltage Swing
IN, /IN, see Figure 1b.
0.2
V
|IN0, /IN0|, |IN1, /IN1|
RIN
In-to-VT Resistance
40
50
60
VT IN
Max. In-to-VT (IN, /IN)
1.28
V
V
REF-AC
V
CC–1.3 VCC–1.2 VCC–1.1
V
DC ELECTRICAL CHARACTERISTICS(5)
T
A= –40°C to +85°C
V
CC = 2.5V ±5% or 3.3V ±10%; RL = 50Ω to VCC–2V; TA= –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
V
CC–1.145
V
CC–0.895
V
VOL
Output LOW Voltage
V
CC–1.945
V
CC–1.695
V
VOUT
Output Voltage Swing
see Figure 1a.
500
800
mV
VDIFF_OUT
Differential Voltage Swing
see Figure 1b.
1000
1600
2000
mV
Notes:
1. Permanent device damage may occur if Absolute Maximum Ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to Absolute Maximum Ratings conditions for extended
periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Due to the limited drive capability, use for input of the same package only.
4. Thermal performance assumes exposed pad is soldered (or equivalent) to the device’s most negative potential (GND) on the PCB. ψJB uses 4-layer
θJA in still-air number unless otherwise stated.
5. The circuit is designed to meet the DC specifications shown in the above tables after thermal equilibrium has been established.
LVPECL DC ELECTRICAL CHARACTERISTICS(5)


Similar Part No. - SY58032UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58032UMGTR MICREL-SY58032UMGTR Datasheet
110Kb / 7P
   ULTRRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58032UMGTR MICREL-SY58032UMGTR Datasheet
671Kb / 9P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
More results

Similar Description - SY58032UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58032U MICREL-SY58032U_10 Datasheet
671Kb / 9P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58033U MICREL-SY58033U_10 Datasheet
696Kb / 9P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58033U MICREL-SY58033U Datasheet
532Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58032U MICREL-SY58032U Datasheet
110Kb / 7P
   ULTRRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58038U MICREL-SY58038U_07 Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038U MICREL-SY58038U Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com