Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58036U Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY58036U
Description  6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58036U Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY58036U Datasheet HTML 1Page - Micrel Semiconductor SY58036U Datasheet HTML 2Page - Micrel Semiconductor SY58036U Datasheet HTML 3Page - Micrel Semiconductor SY58036U Datasheet HTML 4Page - Micrel Semiconductor SY58036U Datasheet HTML 5Page - Micrel Semiconductor SY58036U Datasheet HTML 6Page - Micrel Semiconductor SY58036U Datasheet HTML 7Page - Micrel Semiconductor SY58036U Datasheet HTML 8Page - Micrel Semiconductor SY58036U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Precision Edge®
SY58036U
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Pin Number
Pin Name
Pin Function
1, 4
IN0, /IN0
Differential Input: These input pairs are the differential signal inputs to the device. These
5, 8
IN1, /IN1
inputs accept AC- or DC-coupled signals as small as 100mV. Each pin of a pair internally
terminates to a VT pin through 50Ω. Note that these inputs will default to an indeterminate
state if left open. Please refer to the “Input Interface Applications” section for more details.
2, 6
VT0, VT1
Input Termination Center-Tap: Each side of the differential input pair terminates to a VT
pin. The VT0 and VT1 pins provide a center-tap to a termination network for maximum
interface flexibility. See “Input Interface Applications” section for more details.
31
SEL
This single-ended TTL/CMOS compatible input selects the inputs to the multiplexer. Note
that this input is internally connected to a 25kΩ pull-up resistor and will default to a logic
HIGH state if left open. The MUX select switchover function is asynchronous.
10
NC
No connect.
11, 16, 18,
VCC
Positive Power Supply: Bypass with 0.1µF0.01µF low ESR capacitors and place as
23, 25, 30
close to the VCC pins as possible.
29, 28
Q0, /Q0,
Differential Outputs: These 100K (temperature compensated) LVPECL output pairs are
27, 26
Q1, /Q1,
low skew copies of the selected input. Please refer to the “Truth Table” for details.
22, 21
Q2, /Q2,
20, 19
Q3, /Q3,
15, 14
Q4, /Q4,
13, 12
Q5, /Q5
9, 17, 24, 32
GND,
Ground. Ground pin and exposed pad must be connected to the same ground plane.
Exposed Pad
3, 7
VREF-AC0
Reference Voltage: These output biases to VCC–1.2V. It is used for AC-coupling inputs
VREF-AC1
(IN, /IN). Connect VREF-AC directly to the VT pin. Bypass with 0.01µF low ESR capacitor to
VCC. See “Input Interface Applications” section. Maximum sink/source current is ±1.5mA.
Due to the limited drive capability, the VREF-AC pin is only intended to drive its respective
VT pin.
PIN DESCRIPTION
24
23
22
21
20
19
18
17
GND
VCC
Q2
/Q2
Q3
/Q3
VCC
GND
IN0
VT0
VREF-AC0
/IN0
IN1
VT1
VREF-AC1
/IN1
1
2
3
4
5
6
7
8
910 11 12 13 14 15 16
32 31 30 29 28 27 26 25
32-Pin MLF® (MLF-32)
TRUTH TABLE
SEL
0
IN0 Input Selected
1
IN1 Input Selected
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY58036UMI
MLF-32
Industrial
SY58036U
Sn-Pb
SY58036UMITR(2)
MLF-32
Industrial
SY58036U
Sn-Pb
SY58036UMG(3)
MLF-32
Industrial
SY58036U with
NiPdAu
Pb-Free bar-line indicator
Pb-Free
SY58036UMGTR(2, 3)
MLF-32
Industrial
SY58036U with
NiPdAu
Pb-Free bar-line indicator
Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at TA = 25°C, DC electricals only.
2. Tape and Reel.
3. Pb-Free package recommended for new designs.


Similar Part No. - SY58036U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58036UMG MICREL-SY58036UMG Datasheet
655Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58036UMGTR MICREL-SY58036UMGTR Datasheet
655Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58036UMI MICREL-SY58036UMI Datasheet
655Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58036UMITR MICREL-SY58036UMITR Datasheet
655Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58036U MICREL-SY58036U_10 Datasheet
655Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
More results

Similar Description - SY58036U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58036U MICREL-SY58036U_10 Datasheet
655Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58013U MICREL-SY58013U_07 Datasheet
133Kb / 9P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
SY58013U MICREL-SY58013U Datasheet
133Kb / 9P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
SY58035U MICREL-SY58035U Datasheet
103Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58035U MICREL-SY58035U_10 Datasheet
487Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY58034U MICREL-SY58034U Datasheet
534Kb / 11P
   6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
SY58034U_0708 MICREL-SY58034U_0708 Datasheet
125Kb / 11P
   6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
SY89856U MICREL-SY89856U Datasheet
366Kb / 11P
   2GHz, Low-Power, 1:6 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
SY58030U MICREL-SY58030U Datasheet
231Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com