Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58030U Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY58030U
Description  ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58030U Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY58030U Datasheet HTML 1Page - Micrel Semiconductor SY58030U Datasheet HTML 2Page - Micrel Semiconductor SY58030U Datasheet HTML 3Page - Micrel Semiconductor SY58030U Datasheet HTML 4Page - Micrel Semiconductor SY58030U Datasheet HTML 5Page - Micrel Semiconductor SY58030U Datasheet HTML 6Page - Micrel Semiconductor SY58030U Datasheet HTML 7Page - Micrel Semiconductor SY58030U Datasheet HTML 8Page - Micrel Semiconductor SY58030U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
Precision Edge®
SY58030U
PACKAGE/ORDERING INFORMATION
24
23
22
21
20
19
18
17
GND
VCC
Q1
/Q1
VCC
NC
SEL1
VCC
IN0
VT0
VREF-AC0
/IN0
IN1
VT1
VREF-AC1
/IN1
1
2
3
4
5
6
7
8
910 11 12 13 14 15 16
32 31 30 29 28 27 26 25
32-Pin MLF® (MLF-32)
Pin Number
Pin Name
Pin Function
1, 4
IN0, /IN0
Differential Input: Each pair accepts AC- or DC-coupled signals as small as 100mV.
5, 8
IN1, /IN1
Each pin of a pair internally terminates to a VT pin through 50ý. Note that these
25, 28
IN2, /IN2
inputs will default to an indeterminate state if left open. If an input is not used, connect one
29, 32
IN3, /IN3
end of the differential pair to ground through a 1ký resistor, and leave the other end to
VCC through a 825ý resistor. Unused VT and VREF-AC pins may also be left floating.
Please refer to the “Input Interface Applications” section for more details.
2, 6, 26, 30
VT0, VT1
Input Termination Center-Tap: Each side of the differential input pair terminates to a VT
VT2, VT3
pin. The VT pins provide a center-tap to the termination network for maximum
interface flexibility. See “Input Interface Applications” section for more details.
15, 18
SEL0, SEL1
This Single-Ended TTL/CMOS compatible input selects the inputs to the multiplexer. Note
that this input is internally connected to a 25ký pull-up resistor and will default to a logic
HIGH state if left open. Input logic threshold is V
CC/2. See “Truth Table” for select control.
14, 19
NC
No Connect.
10, 13, 16
VCC
Positive Power Supply: Bypass with 0.1
µF™ℑ0.01µF low ESR capacitors.
17, 20, 23
11, 12
/Q0, Q0
Differential Outputs: These 100k compatible (internally temperature compensated)
21, 22
/Q1, Q1
LVPECL output pairs are copies of the selected input. Unused output pairs may be left
floating. See “Output Interface” for termination guidelines.
9, 24
GND,
Ground. Ground pin and exposed pad must be connected to the same ground plane.
Exposed Pad
3, 7, 27, 31
VREF-AC0
Reference Voltage: This reference output is equivalent to VCC–1.4V. It is used for
VREF-AC1
AC-coupled inputs. When interfacing to AC input signals, connect VREF-AC directly to the
VREF-AC2
VT pin and bypass with a 0.01µF low ESR capacitor to VCC. See “Input Interface
VREF-AC3
Applications” section. Maximum current sink/source is 0.5mA.
PIN DESCRIPTION
TRUTH TABLE
SEL0
SEL1
0
0
IN0 Input Selected
0
1
IN2 Input Selected
1
0
IN1 Input Selected
1
1
IN3 Input Selected
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY58030UMI
MLF-32
Industrial
SY58030U
Sn-Pb
SY58030UMITR(2)
MLF-32
Industrial
SY58030U
Sn-Pb
SY58030UMG(3)
MLF-32
Industrial
SY58030U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY58030UMGTR(2, 3)
MLF-32
Industrial
SY58030U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC electricals only.
2. Tape and Reel.
3. Pb-Free package recommended for new designs.


Similar Part No. - SY58030U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58030U MICREL-SY58030U Datasheet
200Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58030U MICREL-SY58030U Datasheet
123Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
SY58030UMG MICREL-SY58030UMG Datasheet
123Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
SY58030UMGTR MICREL-SY58030UMGTR Datasheet
123Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
SY58030UMI MICREL-SY58030UMI Datasheet
123Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
More results

Similar Description - SY58030U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58019U MICREL-SY58019U_07 Datasheet
326Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U MICREL-SY58019U Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U_0709 MICREL-SY58019U_0709 Datasheet
230Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58029U MICREL-SY58029U_07 Datasheet
201Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58029U MICREL-SY58029U Datasheet
200Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58030U_0708 MICREL-SY58030U_0708 Datasheet
123Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY58027U MICREL-SY58027U Datasheet
164Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58027U_0708 MICREL-SY58027U_0708 Datasheet
154Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY89855U MICREL-SY89855U Datasheet
578Kb / 13P
   Precision Low Power Differential LVPECL 4:1 MUX with 1:2 Fanout and Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com