Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58029UMGTR Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY58029UMGTR
Description  ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58029UMGTR Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY58029UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY58029UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY58029UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY58029UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY58029UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY58029UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY58029UMGTR Datasheet HTML 9Page - Micrel Semiconductor SY58029UMGTR Datasheet HTML 10Page - Micrel Semiconductor SY58029UMGTR Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Precision Edge®
SY58029U
Micrel, Inc.
M9999-020207
hbwhelp@micrel.com or (408) 955-1690
INPUT STAGE
50
50
VCC
GND
/IN
VT
IN
Figure 3. Simplified Differential Input Stage
INPUT INTERFACE APPLICATIONS
PECL
IN
/IN
VT
SY58029U
VCC
Rpd
Rpd
For a 3.3V system, Rpd = 100Ω
For a 2.5V system, Rpd = 50Ω
GND
GND
VREF-AC
VCC
0.01
µF
Figure 4d. LVPECL
Interface (AC-coupled)
LVDS
IN
/IN
VT
NC
SY58029U
VCC
GND
NC
VREF-AC
Figure 4e. LVDS Interface
CML
IN
/IN
VT
NC
SY58029U
VCC
GND
NC
VREF-AC
Figure 4a. CML
Interface (DC-coupled)
Option: May connect VT to VCC
LVPECL
IN
/IN
VT
SY58029U
VCC
VCC
NC
0.01
µF
Rpd
For a 3.3V system, Rpd = 50Ω
For a 2.5V system, Rpd = 19Ω
GND
VREF-AC
Figure 4c. PECL
Interface (DC-coupled)
CML
IN
/IN
VT
SY58029U
VCC
GND
VREF-AC
VCC
0.01
µF
Figure 4b. CML
Interface (AC-coupled)


Similar Part No. - SY58029UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58029UMGTR MICREL-SY58029UMGTR Datasheet
200Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58029UMGTR MICREL-SY58029UMGTR Datasheet
206Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
More results

Similar Description - SY58029UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58029U MICREL-SY58029U Datasheet
200Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58030U MICREL-SY58030U Datasheet
231Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY89855U MICREL-SY89855U Datasheet
578Kb / 13P
   Precision Low Power Differential LVPECL 4:1 MUX with 1:2 Fanout and Internal Termination
SY58018U MICREL-SY58018U Datasheet
118Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U MICREL-SY58018U_07 Datasheet
225Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U_0708 MICREL-SY58018U_0708 Datasheet
173Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58029U_0708 MICREL-SY58029U_0708 Datasheet
206Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
SY58038U MICREL-SY58038U_07 Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038U MICREL-SY58038U Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com