Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

T6817 Datasheet(PDF) 3 Page - ATMEL Corporation

Part No. T6817
Description  Dual Triple DMOS Output Driver with Serial Input Control
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T6817 Datasheet(HTML) 3 Page - ATMEL Corporation

  T6817_05 Datasheet HTML 1Page - ATMEL Corporation T6817_05 Datasheet HTML 2Page - ATMEL Corporation T6817_05 Datasheet HTML 3Page - ATMEL Corporation T6817_05 Datasheet HTML 4Page - ATMEL Corporation T6817_05 Datasheet HTML 5Page - ATMEL Corporation T6817_05 Datasheet HTML 6Page - ATMEL Corporation T6817_05 Datasheet HTML 7Page - ATMEL Corporation T6817_05 Datasheet HTML 8Page - ATMEL Corporation T6817_05 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
4670C–BCD–09/05
T6817
2.
Pin Configuration
Figure 2-1.
Pinning SSO20
GND
DI
CS
CLK
INH
VS
VS
LS3
n.c.
GND
GND
VCC
DO
LS1
HS1
LS2
HS2
GND
HS3
GND
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Table 2-1.
Pin Description
Pin
Symbol
Function
1
GND
Ground; reference potential; internal connection to pin 10, 11, 13 and 20; cooling tab
2DI
Serial data input; 5-V CMOS logic level input with internal pull-down; receives serial data from the control
device, DI expects a 16-bit control word with LSB being transferred first
3CS
Chip-select input; 5-V CMOS logic level input with internal pull-up;
low = serial communication is enabled, high = disabled
4CLK
Serial clock input; 5-V CMOS logic level input with internal pull down;
controls serial data input interface and internal shift register (f
max = 2 MHz)
5
INH
Inhibit input; 5-V logic input with internal pull-down; low = standby, high = normal operating
6, 7
VS
Power supply output stages HS1, HS2 and HS3
8LS3
Low-side driver output 3; power-MOS open drain with internal reverse diode: overvoltage protection by
active zenering; short-circuit protection; diagnosis for short and open load
9
n.c.
Not connected
10
GND
Ground (see pin 1) be consistant
11
GND
Ground (see pin 1)
12
HS3
High-side driver output 3; power-MOS open drain with internal reverse diode: overvoltage protection by
active zenering; short-circuit protection; diagnosis for short and open load
13
GND
Ground (see pin 1)
14
HS2
High-side driver output 2 (see pin 12) be consistant
15
LS2
Low-side driver output 2 (see pin 8)
16
HS1
High-side driver output 1 (see pin 12)
17
LS1
Low-side driver output 1 (see pin 8)
18
DO
Serial data output; 5-V CMOS logic level tri-state output for output (status) register data; sends 16-bit
status information to the microcontroller (LSB is transferred first); output will remain tri-stated unless
device is selected by CS = low, therefore, several ICs can operate on only one data output line only.
19
VCC
Logic supply voltage (5V)
20
GND
Ground (see pin 1)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn