Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58029U Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58029U
Description  ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58029U Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58029U_07 Datasheet HTML 1Page - Micrel Semiconductor SY58029U_07 Datasheet HTML 2Page - Micrel Semiconductor SY58029U_07 Datasheet HTML 3Page - Micrel Semiconductor SY58029U_07 Datasheet HTML 4Page - Micrel Semiconductor SY58029U_07 Datasheet HTML 5Page - Micrel Semiconductor SY58029U_07 Datasheet HTML 6Page - Micrel Semiconductor SY58029U_07 Datasheet HTML 7Page - Micrel Semiconductor SY58029U_07 Datasheet HTML 8Page - Micrel Semiconductor SY58029U_07 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Precision Edge®
SY58029U
Micrel, Inc.
M9999-020207
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
s Selects 1 of 4 differential inputs
s Provides two copies of the selected input
s Guaranteed AC performance over temperature and
voltage:
• DC-to-> 5Gbps data rate throughput
• < 390ps IN-to-Out tpd
• < 110ps tr /tf times
s Ultra low-jitter design:
• < 10psPP total jitter (clock)
• < 1psRMS random jitter
• < 10psPP deterministic jitter
• < 0.7psRMS crosstalk-induced jitter
s Unique patended input design minimizes crosstalk
s Accepts an input signal as low as 100mV
s Unique patented input termination and V
T pin
accepts DC- and AC-coupled inputs (CML, LVPECL,
LVDS)
s 800mV 100K LVPECL output swing
s Power supply 2.5V
±5% or 3.3V ±10%
s –40
°C to +85°C temperature range
s Available in 32-pin (5mm
××××× 5mm) MLF® package
FEATURES
ULTRA PRECISION DIFFERENTIAL
LVPECL 4:1 MUX with 1:2 FANOUT
and INTERNAL TERMINATION
Precision Edge®
SY58029U
APPLICATIONS
s Redundant clock and/or distribution
s All SONET/SDH clock/data distribution
s Loopback
s All Fibre Channel distribution
s All Gigabit Ethernet clock and/or data distribution
Rev.: C
Amendment: /0
Issue Date:
February 2007
The SY58029U is a 2.5V/3.3V precision, high-speed, 4:1
differential multiplexer with 100k LVPECL (800mV)
compatible outputs, capable of handling clocks up to 4GHz
and data streams up to 5Gbps. In addition, a 1:2 fanout
buffer provides two copies of the selected inputs.
The differential input includes Micrel’s unique, 3-pin input
termination architecture that allows customers to interface
to any differential signal (AC- or DC-coupled) as small as
100mV without any level shifting or termination resistor
networks in the signal path. The result is a clean, stub-free,
low-jitter interface solution. The outputs are 800mV LVPECL,
(100k temperature compensated) with extremely fast rise/
fall times guaranteed to be less than 110ps.
The SY58029U operates from a 2.5V
±5% supply or a
3.3V
±10% supply and is guaranteed over the full industrial
temperature range of –40
°C to +85°C. For applications that
require CML outputs, consider the SY58028U. For 400mV
LVPECL outputs, consider the SY58030U. The SY58029U
is part of Micrel’s high-speed, Precision Edge® product line.
All support documentation can be found on Micrel’s web
site at www.micrel.com.
TYPICAL PERFORMANCE
Precision Edge is a registered trademark of Micrel, Inc.
MicroLeadFrame and MLF are registered trademarks of Amkor Technology, Inc.
Precision Edge®
FUNCTIONAL BLOCK DIAGRAM
IN0
/IN0
VT0
50
50
IN1
/IN1
VT1
50
50
Q0
/Q0
0
1
MUX
4:1
MUX
1:2
Fanout
VREF-AC0
IN2
/IN2
VT2
50
50
VREF-AC2
VREF-AC1
2
IN3
/IN3
VT3
50
50
VREF-AC3
3
SEL0 (CMOS/TTL)
SEL1 (CMOS/TTL)
Q1
/Q1
2.5Gbps Output (223Ð1 PRBS)
TIME (100ps/div.)


Similar Part No. - SY58029U_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58029U_0708 MICREL-SY58029U_0708 Datasheet
206Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
More results

Similar Description - SY58029U_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58029U MICREL-SY58029U Datasheet
200Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58030U MICREL-SY58030U Datasheet
231Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY89855U MICREL-SY89855U Datasheet
578Kb / 13P
   Precision Low Power Differential LVPECL 4:1 MUX with 1:2 Fanout and Internal Termination
SY58018U MICREL-SY58018U Datasheet
118Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U MICREL-SY58018U_07 Datasheet
225Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U_0708 MICREL-SY58018U_0708 Datasheet
173Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58029U_0708 MICREL-SY58029U_0708 Datasheet
206Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
SY58038U MICREL-SY58038U_07 Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038U MICREL-SY58038U Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com