Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58027U Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY58027U
Description  ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58027U Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY58027U Datasheet HTML 2Page - Micrel Semiconductor SY58027U Datasheet HTML 3Page - Micrel Semiconductor SY58027U Datasheet HTML 4Page - Micrel Semiconductor SY58027U Datasheet HTML 5Page - Micrel Semiconductor SY58027U Datasheet HTML 6Page - Micrel Semiconductor SY58027U Datasheet HTML 7Page - Micrel Semiconductor SY58027U Datasheet HTML 8Page - Micrel Semiconductor SY58027U Datasheet HTML 9Page - Micrel Semiconductor SY58027U Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Precision Edge®
SY58027U
Micrel, Inc.
M9999-020207
hbwhelp@micrel.com or (408) 955-1690
RELATED MICREL PRODUCTS AND SUPPORT DOCUMENTATION
OUTPUT INTERFACE APPLICATIONS
R2
82
R2
82
ZO = 50Ω
ZO = 50Ω
+3.3V
+3.3V
R1
130
R1
130
+3.3V
Figure 4a. Parallel Thevenin-Equivalent
Termination
ZO = 50Ω
ZO = 50Ω
50
50
50
+3.3V
+3.3V
C (Optional)
0.01
µF
VCC
Figure 4b. Parallel Termination
(3-Resistor)
+3.3V
R2
82
+3.3V
R1
130
Terminate unused output
to VCC –2V to balance
the differential output pair.
Figure 4c. Terminating Unused Output
Part Number
Function
Data Sheet Link
SY58016L
3.3V 10Gbps Differential CML Line Driver/Receiver
http://www.micrel.com/product-info/products/sy58016l.shtml
with Internal Termination
SY58017U
10.7Gbps Differential CML 2:1 MUX with
http://www.micrel.com/product-info/products/sy58017u.shtml
Internal Termination
SY58018U
5Gbps LVPECL 2:1 MUX with Internal Termination
http://www.micrel.com/product-info/products/sy58018u.shtml
SY58019U
10.7Gbps 400mV LVPECL 2:1 MUX with
http://www.micrel.com/product-info/products/sy58019u.shtml
Internal Termination
SY58025U
10.7Gbps Dual 2:1 CML MUX with
http://www.micrel.com/product-info/products/sy58025u.shtml
Internal Termination
SY58026U
5Gbps Dual 2:1 LVPECL MUX with Internal
http://www.micrel.com/product-info/products/sy58026u.shtml
Termination
SY58051U
10.7Gbps AnyGate® with Internal Input and Output
http://www.micrel.com/product-info/products/sy58051u.shtml
Termination
SY58052U
10Gbps Clock/Data Retimer with 50
Ω Input Termination
http://www.micrel.com/product-info/products/sy58052u.shtml
MLF™ Application Note
www.amkor.com/products/notes_papers/MLF_AppNote_0902.pdf
HBW Solutions
New Products and Applications
www.micrel.com/product-info/products/solutions.shtml


Similar Part No. - SY58027U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58027U MICREL-SY58027U Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58027U MICREL-SY58027U Datasheet
154Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58027UMG MICREL-SY58027UMG Datasheet
154Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58027UMGTR MICREL-SY58027UMGTR Datasheet
154Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58027UMI MICREL-SY58027UMI Datasheet
154Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
More results

Similar Description - SY58027U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58027U_0708 MICREL-SY58027U_0708 Datasheet
154Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58019U MICREL-SY58019U_07 Datasheet
326Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U MICREL-SY58019U Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U_0709 MICREL-SY58019U_0709 Datasheet
230Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58026U_0708 MICREL-SY58026U_0708 Datasheet
173Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58026U MICREL-SY58026U Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY58030U MICREL-SY58030U Datasheet
231Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58018U MICREL-SY58018U Datasheet
118Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U MICREL-SY58018U_07 Datasheet
225Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com