Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58023UMITR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58023UMITR
Description  ULTRA-LOW JITTER 2 횞 2 CROSSPOINT SWITCH w/CML OUTPUTS AND INTERNAL I/O TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58023UMITR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58023UMITR Datasheet HTML 1Page - Micrel Semiconductor SY58023UMITR Datasheet HTML 2Page - Micrel Semiconductor SY58023UMITR Datasheet HTML 3Page - Micrel Semiconductor SY58023UMITR Datasheet HTML 4Page - Micrel Semiconductor SY58023UMITR Datasheet HTML 5Page - Micrel Semiconductor SY58023UMITR Datasheet HTML 6Page - Micrel Semiconductor SY58023UMITR Datasheet HTML 7Page - Micrel Semiconductor SY58023UMITR Datasheet HTML 8Page - Micrel Semiconductor SY58023UMITR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Precision Edge®
SY58023U
Micrel, Inc.
M9999-020207
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
s Guaranteed AC performance over temperature and
voltage:
• >10.7Gbps data throughput
• <60ps tr/tf times
• <285ps tpd (IN-to-Q)
• <20ps skew
s Low jitter:
• <10pspp total jitter (clock)
• <1psrms random jitter (data)
• <10pspp deterministic jitter (data)
s Crosstalk induced jitter: <0.7ps
rms
s Accepts an input signal as low as 100mV
s Unique input termination and V
T pin accepts DC-
coupled and AC-coupled differential inputs:
LVPECL, LVDS, and CML
s 50
source terminated CML outputs
s Fully differential inputs/outputs
s Power supply 2.5V
±5% and 3.3V ±10%
s Industrial –40
°C to +85°C temperature range
s Available in 16-pin (3mm
××××× 3mm) MLF® package
FEATURES
ULTRA-LOW JITTER 2
××××× 2 CROSSPOINT
SWITCH w/CML OUTPUTS AND
INTERNAL I/O TERMINATION
Precision Edge®
SY58023U
Rev.: F
Amendment: /0
Issue Date:
February 2007
The SY58023U is a 2.5V/3.3V precision, high-speed, fully
differential CML 2
× 2 crosspoint switch. The SY58023U is
optimized to provide two identical output copies with less
than 20ps of skew and ultra-low jitter. It can route clock
signals as fast as 6GHz or data up to 10.7Gbps.
The differential input includes Micrel’s unique, 3-pin input
termination architecture that allows the SY58023U to directly
interface to LVPECL, LVDS, and CML differential signals
(AC- or DC-coupled) as small as 100mV (200mV
pp) without
any level-shifting or termination resistor networks in the signal
path. The CML outputs features 400mV typical swing into
50
Ω loads, and provide an extremely fast rise/fall time
guaranteed to be less than 60ps.
The SY58023U operates from a +2.5V
±5% supply or
+3.3V
±10% supply and is guaranteed over the full industrial
temperature range (–40
°C to +85°C). For applications that
require high speed dual CML switches, consider the
SY58024U. The SY58023U is part of Micrel’s high-speed,
Precision Edge® product line.
Datasheets and support documentation can be found on
Micrel’s website at www.micrel.com.
Precision Edge is a registered trademark of Micrel , Inc.
MicroLeadFrame and MLF are registered trademarks of Amkor Technology, Inc.
Precision Edge®
IN0
/IN0
Q1
/Q1
Q0
/Q0
VT0
50
50
IN1
/IN1
VT1
50
50
SEL0
(TTL/CMOS)
SEL1
(TTL/CMOS)
0
1
0
1
FUNCTIONAL BLOCK DIAGRAM
APPLICATIONS
s Gigabit Ethernet data/clock routing
s SONET data/clocking routing
s Switch fabric clock routing
s Redundant switchover
s Backplane redundancy


Similar Part No. - SY58023UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58023UMITR MICREL-SY58023UMITR Datasheet
122Kb / 10P
   ULTRA-LOW JITTER 2 횞 2 CROSSPOINT SWITCH w/CML OUTPUTS AND INTERNAL I/O TERMINATION
More results

Similar Description - SY58023UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58023U MICREL-SY58023U Datasheet
122Kb / 10P
   ULTRA-LOW JITTER 2 횞 2 CROSSPOINT SWITCH w/CML OUTPUTS AND INTERNAL I/O TERMINATION
SY58024U MICREL-SY58024U_07 Datasheet
128Kb / 11P
   ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS AND INTERNAL I/O TERMINATION
SY58024U_0708 MICREL-SY58024U_0708 Datasheet
142Kb / 11P
   ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS
SY58024U MICREL-SY58024U Datasheet
132Kb / 11P
   CROSSPOINT SWITCH CML OUTPUTS AND INTERNAL I/O TERMINATION
SY55858U MICREL-SY55858U Datasheet
73Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55858U MICREL-SY55858U_05 Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY58040U MICREL-SY58040U_11 Datasheet
464Kb / 12P
   ULTRA PRECISION 4횞4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58017U MICREL-SY58017U_07 Datasheet
285Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58017U_0708 MICREL-SY58017U_0708 Datasheet
116Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58025U_0708 MICREL-SY58025U_0708 Datasheet
332Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com