Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DHC2803SH Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # DHC2803SH
Description  6W DC-DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DHC2803SH Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  DHC2803SH Datasheet HTML 1Page - M.S. Kennedy Corporation DHC2803SH Datasheet HTML 2Page - M.S. Kennedy Corporation DHC2803SH Datasheet HTML 3Page - M.S. Kennedy Corporation DHC2803SH Datasheet HTML 4Page - M.S. Kennedy Corporation DHC2803SH Datasheet HTML 5Page - M.S. Kennedy Corporation DHC2803SH Datasheet HTML 6Page - M.S. Kennedy Corporation DHC2803SH Datasheet HTML 7Page - M.S. Kennedy Corporation DHC2803SH Datasheet HTML 8Page - M.S. Kennedy Corporation DHC2803SH Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
EQUIVALENT SCHEMATIC
Isolated Step Down Power Supply
Microprocessor Power Source
Low Voltage Subsystem Power Source
TYPICAL APPLICATIONS
1
2
3
4
5
+Output
-Output
Adjust/Comp
NC
Shutdown Plus
PIN-OUT INFORMATION
Case
-Input
+Input
8
7
6
-65°C to +150°C
300°C
See Efficiency Curve
150°C
6.5°C/W
ABSOLUTE MAXIMUM RATINGS
+50V
80V
2.0A
1.5A
-55°C to +125°C
-40°C to +85°C
Input Voltage (pin 7 to pin 6)
Input Transient (pin 7 to pin 6 @ 50mS)
Output Current
DHC2803S
DHC2805S
Case Temperature Range
DHC2800S H/E
DHC2800S
VIN
VINT
IOUT
TC
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Power Dissipation
Junction Temperature
Thermal Resistance
(Switches)
TST
TLD
PD
TJ
θJC
Rev. G 8/06
2
1 Continuous operation at or above absolute maximum ratings may adversely effect the
performance and/or life cycle.
NOTE:
1


Similar Part No. - DHC2803SH

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DHC2803SH MSK-DHC2803SH Datasheet
265Kb / 9P
   6W DC-DC CONVERTERS
logo
Anaren Microwave
DHC2803SH ANAREN-DHC2803SH Datasheet
412Kb / 9P
   6W DC-DC CONVERTERS
More results

Similar Description - DHC2803SH

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
DHC2800S ANAREN-DHC2800S Datasheet
412Kb / 9P
   6W DC-DC CONVERTERS
logo
M.S. Kennedy Corporatio...
DHC2800S MSK-DHC2800S Datasheet
265Kb / 9P
   6W DC-DC CONVERTERS
DAC2800D MSK-DAC2800D Datasheet
192Kb / 7P
   6W DUAL DC - DC CONVERTERS
logo
Toppower Electronic Tec...
TP06DA TOPPOWER-TP06DA Datasheet
201Kb / 4P
   6W Wide Input Voltage DC/DC Converters
TP06DB TOPPOWER-TP06DB Datasheet
186Kb / 4P
   6W Wide Voltage Input DC/DC Converters
TP06DA_19 TOPPOWER-TP06DA_19_05 Datasheet
263Kb / 4P
   6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
logo
Murata Power Solutions ...
MGJ6 MURATA-PS-MGJ6 Datasheet
210Kb / 10P
   5.2kVDC Isolated 6W Gate Drive SM DC/DC Converters
logo
MicroPower Direct, LLC
MR0611S MPD-MR0611S Datasheet
1Mb / 4P
   Ultra-Wide Input, 6W Miniature, Railway DC/DC Converters
logo
Minmax Technology Co., ...
MDWI06 MINMAX-MDWI06 Datasheet
462Kb / 4P
   DC-DC CONVERTER 6W
MIW06M MINMAX-MIW06M Datasheet
941Kb / 5P
   DC-DC CONVERTER 6W
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com