Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58019UMI Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY58019UMI
Description  ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58019UMI Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY58019UMI Datasheet HTML 1Page - Micrel Semiconductor SY58019UMI Datasheet HTML 2Page - Micrel Semiconductor SY58019UMI Datasheet HTML 3Page - Micrel Semiconductor SY58019UMI Datasheet HTML 4Page - Micrel Semiconductor SY58019UMI Datasheet HTML 5Page - Micrel Semiconductor SY58019UMI Datasheet HTML 6Page - Micrel Semiconductor SY58019UMI Datasheet HTML 7Page - Micrel Semiconductor SY58019UMI Datasheet HTML 8Page - Micrel Semiconductor SY58019UMI Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Precision Edge®
SY58019U
Micrel, Inc.
M9999-020207
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Pin Number
Pin Name
Pin Function
1, 2
IN0, /IN0
Differential Input: These input pairs are the differential signal inputs to the device. They
3, 4
IN1, /IN1
accept differential AC- or DC-coupled signals as small as 100mV. Each pin of a pair internally
terminates to a VT pin through 50Ω. Note that these inputs will default to an indeterminate
state if left open. Please refer to the
“Input Interface Applications” section for more details.
16, 5
VT0, VT1
Input Termination Center-Tap: Each side of the differential input pair terminates to a VT
pin. The VT0 and VT1 pins provide a center-tap to a termination network for maximum
interface flexibility. See
“Input Interface Applications” section for more details.
6
SEL
This single-ended TTL/CMOS compatible input selects the inputs to the multiplexer. Note
that this input is internally connected to a 25k
Ω pull-up resistor and will default to a logic
HIGH state if left open.
7
NC
No connect.
8, 13
VCC
Positive Power Supply: Bypass with 0.1
µF0.01µF low ESR capacitors. 0.01µF capacitor
should be as close to VCC pin as possible.
12, 9
Q, /Q
Differential Outputs: This 100k compatible LVPECL output pair is the output of the device.
Terminate through 50
Ω to V
CC – 2V. See “Output Interface Applications” section. It is a
logic function of the IN0, IN1, and SEL inputs. Please refer to the
“Truth Table” for details.
10, 11, 14, 15
GND,
Ground. Ground pins and exposed pad must be connected to the same ground plane.
Exposed Pad
PIN DESCRIPTION
13
14
15
16
12
11
10
9
1
2
3
4
8
7
6
5
IN0
/IN0
IN1
/IN1
Q
GND
GND
/Q
16-Pin MLF®
TRUTH TABLE
SEL
Output
0
CH0 Input Selected
1
CH1 Input Selected
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY58019UMI
MLF-16
Industrial
019U
Sn-Pb
SY58019UMITR(2)
MLF-16
Industrial
019U
Sn-Pb
SY58019UMG(3)
MLF-16
Industrial
019U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY58019UMGTR(2, 3)
MLF-16
Industrial
019U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC electricals only.
2. Tape and Reel.
3. Pb-Free package recommended for new designs.


Similar Part No. - SY58019UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58019UMI MICREL-SY58019UMI Datasheet
230Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019UMITR MICREL-SY58019UMITR Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019UMITR MICREL-SY58019UMITR Datasheet
230Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
More results

Similar Description - SY58019UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58019U MICREL-SY58019U Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U_0709 MICREL-SY58019U_0709 Datasheet
230Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58027U MICREL-SY58027U Datasheet
164Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58027U_0708 MICREL-SY58027U_0708 Datasheet
154Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58030U MICREL-SY58030U Datasheet
231Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58018U MICREL-SY58018U Datasheet
118Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U MICREL-SY58018U_07 Datasheet
225Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U_0708 MICREL-SY58018U_0708 Datasheet
173Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY58030U_0708 MICREL-SY58030U_0708 Datasheet
123Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com