Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58017UMG Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY58017UMG
Description  ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58017UMG Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY58017UMG Datasheet HTML 3Page - Micrel Semiconductor SY58017UMG Datasheet HTML 4Page - Micrel Semiconductor SY58017UMG Datasheet HTML 5Page - Micrel Semiconductor SY58017UMG Datasheet HTML 6Page - Micrel Semiconductor SY58017UMG Datasheet HTML 7Page - Micrel Semiconductor SY58017UMG Datasheet HTML 8Page - Micrel Semiconductor SY58017UMG Datasheet HTML 9Page - Micrel Semiconductor SY58017UMG Datasheet HTML 10Page - Micrel Semiconductor SY58017UMG Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Precision Edge®
SY58017U
Micrel, Inc.
M9999-020207
hbwhelp@micrel.com or (408) 955-1690
160
161
162
163
164
165
166
100 200 300 400 500 600 700 800
INPUT VOLTAGE SWING (mV)
Propagation Delay
vs. Input Voltage Swing
159
160
161
162
163
164
165
166
167
168
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Propagation Delay
vs. Temperature
TYPICAL OPERATING CHARACTERISTICS
VCC = 2.5V, VIN = 100mV, TA = 25°C, unless otherwise stated.
0
50
100
150
200
250
300
350
400
450
500
0123456789 10
FREQUENCY (GHz)
Output Amplitude
vs. Frequency


Similar Part No. - SY58017UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58017UMG MICREL-SY58017UMG Datasheet
116Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58017UMGTR MICREL-SY58017UMGTR Datasheet
116Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
More results

Similar Description - SY58017UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58017U_0708 MICREL-SY58017U_0708 Datasheet
116Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58025U_0708 MICREL-SY58025U_0708 Datasheet
332Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
SY58025U MICREL-SY58025U_07 Datasheet
225Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
SY58028U MICREL-SY58028U Datasheet
201Kb / 11P
   ULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT AND INTERNAL I/O TERMINATION
SY58018U_0708 MICREL-SY58018U_0708 Datasheet
173Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U MICREL-SY58018U Datasheet
118Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U MICREL-SY58018U_07 Datasheet
225Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58031U MICREL-SY58031U_10 Datasheet
679Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58040U MICREL-SY58040U_11 Datasheet
464Kb / 12P
   ULTRA PRECISION 4횞4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_11 Datasheet
562Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com