Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58013UMGTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58013UMGTR
Description  6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58013UMGTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58013UMGTR Datasheet HTML 1Page - Micrel Semiconductor SY58013UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY58013UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY58013UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY58013UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY58013UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY58013UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY58013UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY58013UMGTR Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Precision Edge®
SY58013U
Micrel, Inc.
M9999-020207
hbwhelp@micrel.com or (408) 955-1690
6GHz, 1:2 FANOUT BUFFER/TRANSLATOR
w/400mV LVPECL OUTPUTS and INTERNAL
INPUT TERMINATION
Precision Edge®
SY58013U
Rev.: D
Amendment: /0
Issue Date:
February 2007
DESCRIPTION
s Precision 1:2, 400mV LVPECL fanout buffer
s Guaranteed AC performance over temperature and
voltage:
• > 6GHz fMAX clock
• < 80ps tr/tf times
• < 250ps tpd
• < 15ps max. skew
s Low jitter performance:
• < 10psPP total jitter (clock)
• < 1psRMS random jitter (data)
• < 10psPP deterministic jitter (data)
s Accepts an input signal as low as 100mV
s Unique input termination and V
T pin accepts DC-
coupled and AC-coupled differential
inputs: LVPECL, LVDS and CML
s 400mV LVPECL compatible outputs
s Power supply 2.5V
±5% and 3.3V ±10%
s –40
°C to +85°C temperature range
s Available in 16-pin (3mm
××××× 3mm) MLF® package
FEATURES
APPLICATIONS
s All SONET and All GigE clock distribution
s Fibre Channel clock and data distribution
s Backplanes
s Data distribution: OC-48, OC-48+FEC, XAUI
s High-end, low-skew, multiprocessor synchronous
clock distribution
The SY58013U is a 2.5V/3.3V precision, high-speed, fully
differential 1:2 LVPECL fanout buffer. Optimized to provide
two identical output copies with less than 15ps of skew and
less than 10ps(pk-pk) total jitter, the SY58013U can process
clock signals as fast as 6GHz or data patterns up to
10.7Gbps.
The differential input includes Micrel’s unique, 3-pin input
termination architecture that interfaces to LVPECL, LVDS,
and CML differential signals, (AC- or DC-coupled) as small
as 100mV without any level-shifting or termination resistor
networks in the signal path. For AC-coupled input interface
applications, an on-board output reference voltage (VREF-
AC) is provided to bias the VT pin. The outputs are 400mV
LVPECL compatible, with extremely fast rise/fall times
guaranteed to be less than 80ps.
The SY58013U operates from a 2.5V
±5% supply or
3.3V
±10% supply and is guaranteed over the full industrial
temperature range (–40
°C to +85°C). For applications that
require greater output swing or CML compatible outputs,
consider the SY58012U 1:2 fanout buffer with 800mV
LVPECL outputs, or the SY58011U 1:2 fanout buffer with
400mV CML outputs. The SY58013U is part of Micrel’s
high-speed, Precision Edge® product line. Datasheets and
support documentation can be found on Micrel’s web site at
www.micrel.com.
FUNCTIONAL BLOCK DIAGRAM
Precison Edge is a registered trademark of Micrel, Inc.
MicroLeadFrame and MLF are registered trademarks of Amkor Technology, Inc.
IN
/IN
Q1
/Q1
Q0
/Q0
VT
50
50
VREF-AC
TYPICAL PERFORMANCE
2GHz Output
TIME (70ps/div.)
VCC = 3.3V
2GHz with 100mV Input
Precision Edge®


Similar Part No. - SY58013UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58013UMGTR MICREL-SY58013UMGTR Datasheet
133Kb / 9P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
SY58013UMGTR MICREL-SY58013UMGTR Datasheet
587Kb / 10P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS
More results

Similar Description - SY58013UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58013U MICREL-SY58013U Datasheet
133Kb / 9P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
SY58013U MICREL-SY58013U_11 Datasheet
587Kb / 10P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS
SY58036U MICREL-SY58036U_10 Datasheet
655Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58036U MICREL-SY58036U Datasheet
104Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58022U MICREL-SY58022U Datasheet
258Kb / 9P
   5.5 GHz 1:4 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS AND INTERNAL INPUT TERMINATOR
SY58022U MICREL-SY58022U_09 Datasheet
512Kb / 9P
   5.5GHz 1:4 FANOUT BUFFER/ translator w/400mV LVPECL OUTPUTS
SY58012U MICREL-SY58012U Datasheet
118Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58012U MICREL-SY58012U_08 Datasheet
132Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58033U MICREL-SY58033U_10 Datasheet
696Kb / 9P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58033U MICREL-SY58033U Datasheet
532Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com