Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58017U Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY58017U
Description  ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58017U Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY58017U_07 Datasheet HTML 1Page - Micrel Semiconductor SY58017U_07 Datasheet HTML 2Page - Micrel Semiconductor SY58017U_07 Datasheet HTML 3Page - Micrel Semiconductor SY58017U_07 Datasheet HTML 4Page - Micrel Semiconductor SY58017U_07 Datasheet HTML 5Page - Micrel Semiconductor SY58017U_07 Datasheet HTML 6Page - Micrel Semiconductor SY58017U_07 Datasheet HTML 7Page - Micrel Semiconductor SY58017U_07 Datasheet HTML 8Page - Micrel Semiconductor SY58017U_07 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Precision Edge®
SY58017U
Micrel, Inc.
M9999-020207
hbwhelp@micrel.com or (408) 955-1690
VCC = 2.5V ±5% or 3.3V ±10%; TA= –40°C to 85°C, RL= 100Ω across each output pair, or equivalent, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Operating Frequency
NRZ Data
10.7
Gbps
VOUT ≥ 200mV
Clock
7
GHz
tpd
Differential Propagation Delay
IN-to-Q
90
160
240
ps
SEL-to-Q
50
180
350
ps
tpd Tempco
Differential Propagation Delay
75
fs/
°C
Temperature Coefficient
tSKEW
Input-to-Input Skew
Note 10
415
ps
Part-to-Part Skew
Note 11
100
ps
tJITTER
Data
Random Jitter
Note 12
1psrms
Deterministic Jitter
Note 13
10
psp-p
Clock
Cycle-to-Cycle Jitter
Note 14
1psrms
Total Jitter
Note 15
10
psp-p
Crosstalk-Induced Jitter
Note 16
0.7
psrms
tr, tf
Output Rise/Fall Time
20% to 80%, at full swing
20
40
60
ps
Notes:
9. High-frequency AC parameters are guaranteed by design and characterization.
10. Input-to-input skew is the difference in time from and input-to-output in comparison to any other input-to-output. In addition, the input-input skew does
not include the output skew.
11. Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at the
respective inputs.
12. RJ is measured with a K28.7 comma detect character pattern, measured at 2.5Gbps/3.2Gbps.
13. DJ is measured at 2.5Gbps/3.2Gbps, with both K28.5 and 223–1 PRBS pattern.
14. Cycle-to-cycle jitter definition: the variation of periods between adjacent cycles, Tn–Tn–1 where T is the time between rising edges of the output
signal.
15. Total jitter definition: with an ideal clock input of frequency
≤ f
MAX, no more than one output edge in 10
12 output edges will deviate by more than the
specified peak-to-peak jitter value.
16. Crosstalk is measured at the output while applying two similar frequencies that are asynchronous with respect to each other at the inputs.
AC ELECTRICAL CHARACTERISTICS(9)


Similar Part No. - SY58017U_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58017U_0708 MICREL-SY58017U_0708 Datasheet
116Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
More results

Similar Description - SY58017U_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58017U_0708 MICREL-SY58017U_0708 Datasheet
116Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58025U_0708 MICREL-SY58025U_0708 Datasheet
332Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
SY58025U MICREL-SY58025U_07 Datasheet
225Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
SY58028U MICREL-SY58028U Datasheet
201Kb / 11P
   ULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT AND INTERNAL I/O TERMINATION
SY58018U_0708 MICREL-SY58018U_0708 Datasheet
173Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U MICREL-SY58018U Datasheet
118Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U MICREL-SY58018U_07 Datasheet
225Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58031U MICREL-SY58031U_10 Datasheet
679Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58040U MICREL-SY58040U_11 Datasheet
464Kb / 12P
   ULTRA PRECISION 4횞4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_11 Datasheet
562Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com