Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY55857LKG Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY55857LKG
Description  3.3V, 2.5Gbps ANY INPUT-to-LVPECL DUAL TRANSLATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY55857LKG Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY55857LKG Datasheet HTML 1Page - Micrel Semiconductor SY55857LKG Datasheet HTML 2Page - Micrel Semiconductor SY55857LKG Datasheet HTML 3Page - Micrel Semiconductor SY55857LKG Datasheet HTML 4Page - Micrel Semiconductor SY55857LKG Datasheet HTML 5Page - Micrel Semiconductor SY55857LKG Datasheet HTML 6Page - Micrel Semiconductor SY55857LKG Datasheet HTML 7Page - Micrel Semiconductor SY55857LKG Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
SuperLite™
SY55857L
Micrel, Inc.
M9999-082306
hbwhelp@micrel.com or (408) 955-1690
INPUT INTERFACE
D
/D SY55857L
TTL
LVTTL
2.5k
1%
VCC(DRIVER)
VCC(857)
VCC(DRIVER)
Figure 3. 3.3V “TTL”
CML
D
/D
VCC(DRIVER)
VCC(857)
VCC(DRIVER)
102
1%
SY55857L
Figure 4. CML-DC Coupled
D
/D
SY55857L
2.5V
LVTTL
2.5k
1%
2.3V to 2.7V
VCC
Figure 5. 2.5V “TTL”
PECL
D
/D
51
1%
51
1%
VCC(DRIVER)
VCC(857)
VCC(DRIVER)
SY55857L
VCC—2V
Figure 6. PECL-DC Coupled
HSTL
D
/D
SY55857L
VCC
50
Ω 50Ω
Figure 7. HSTL
CML
D
/D
3.92k
1%
3.92k
1%
102
1%
VCC(DRIVER)
VCC
SY55857L
Figure 8. CML-AC Coupled
Short Lines
CML
D
/D
130
1%
130
1%
VCC(DRIVER)
VCC
SY55857L
82
1%
82
1%
VCC
Figure 9. CML-AC Coupled
Long Lines
LVDS
D
/D
VCC
102
1%
SY55857L
Figure 10. LVDS
D
/D
100
1%
100
1%
VCC
SY55857L
105
1%
105
1%
SSTL_2
VDDQ
Figure 11. SSTL_2
D
/D
90.9
1%
90.9
1%
VCC
SY55857L
110
1%
110
1%
SSTL_3
VDDQ
Figure 12. SSTL_3


Similar Part No. - SY55857LKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55857L MICREL-SY55857L Datasheet
71Kb / 8P
   3.3V 2.5Gbps ANY INPUT-to-LVPECL DIFFERENTIAL TRANSLATOR
More results

Similar Description - SY55857LKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89327L MICREL-SY89327L_07 Datasheet
85Kb / 8P
   3.3V 2.5Gbps ANY INPUT-to-LVPECL DIFFERENTIAL TRANSLATOR
SY89327L MICREL-SY89327L Datasheet
71Kb / 8P
   3.3V 2.5Gbps ANY INPUT-to-LVPECL DIFFERENTIAL TRANSLATOR
logo
Renesas Technology Corp
MC100ES60T23 RENESAS-MC100ES60T23 Datasheet
628Kb / 9P
   3.3V Dual Differential LVPECL to LVTTL Translator
2019
logo
Micrel Semiconductor
SY10ELT23L MICREL-SY10ELT23L Datasheet
51Kb / 4P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT23L MICREL-SY100EPT23L_05 Datasheet
111Kb / 6P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89323L MICREL-SY89323L_06 Datasheet
461Kb / 5P
   3.3V DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY10ELT23L MICREL-SY10ELT23L_06 Datasheet
58Kb / 5P
   3.3V, DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY89223L MICREL-SY89223L Datasheet
41Kb / 5P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT23L MICREL-SY100EPT23L Datasheet
74Kb / 8P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com