Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY55853U Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY55853U
Description  D LATCH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY55853U Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY55853U Datasheet HTML 1Page - Micrel Semiconductor SY55853U Datasheet HTML 2Page - Micrel Semiconductor SY55853U Datasheet HTML 3Page - Micrel Semiconductor SY55853U Datasheet HTML 4Page - Micrel Semiconductor SY55853U Datasheet HTML 5Page - Micrel Semiconductor SY55853U Datasheet HTML 6Page - Micrel Semiconductor SY55853U Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
SuperLite™
SY55853U
Micrel, Inc.
M9999-110705
hbwhelp@micrel.com or (408) 955-1690
FUNCTIONAL DESCRIPTION
VCC
NC
X
/X
Figure 1. Hard Wiring A Logic “1” (1)
Note 1.
X is either D, LE, R input. /X is either /D, /LE, /R input.
NC
NC
VCC > 3.0V
X
/X
NC
VCC
≤ 3.0V
VCC
X
/X
Figure 2. Hard Wiring A Logic “0” (1)
Establishing Static Logic Inputs
The true pin of an input pair is internally biased to ground
through a 75k
Ω resistor. The complement pin of an input
pair is internally biased halfway between V
CC and ground
by a voltage divider consisting of two 75k
Ω resistors. To
keep an input at static logic zero at V
CC > 3.0V, leave both
inputs unconnected. For V
CC ≤ 3.0V, connect the
complement input to V
CC and leave the true input
unconnected. To make an input static logic one, connect
the true input to V
CC, leave the complement input
unconnected. These are the only ;safe ways to cause inputs
to be at a static value. In particular, no input pin should be
directly connected to ground.
All NC (no connect) pins
should be unconnected.


Similar Part No. - SY55853U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55851 MICREL-SY55851 Datasheet
63Kb / 8P
   2.5V/3V, 3.0GHz CML AnyGate ANY LOGIC WITH 50ohm or 100ohm OUTPUTS
SY55851 MICREL-SY55851 Datasheet
64Kb / 8P
   2.5V/3V, 3.0GHz CML AnyGate짰ANY LOGIC WITH 50廓 or 100廓 OUTPUTS
SY55851A MICREL-SY55851A Datasheet
63Kb / 8P
   2.5V/3V, 3.0GHz CML AnyGate ANY LOGIC WITH 50ohm or 100ohm OUTPUTS
logo
Microchip Technology
SY55851A MICROCHIP-SY55851A Datasheet
944Kb / 16P
   2.5V/3.3V, 3.0GHz CML AnyGate®Any Logic with 50 Outputs
Revision A February 2019
logo
Micrel Semiconductor
SY55851AUKG MICREL-SY55851AUKG Datasheet
63Kb / 8P
   2.5V/3V, 3.0GHz CML AnyGate ANY LOGIC WITH 50ohm or 100ohm OUTPUTS
More results

Similar Description - SY55853U

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100130 NSC-F100130 Datasheet
146Kb / 6P
   TRIPLE D LATCH
logo
Micrel Semiconductor
SY100S350 MICREL-SY100S350_06 Datasheet
94Kb / 8P
   HEX D-LATCH
SY100S350 MICREL-SY100S350 Datasheet
110Kb / 7P
   HEX D-LATCH
logo
Rohm
BU4042B ROHM-BU4042B Datasheet
53Kb / 4P
   Quad D latch
logo
National Semiconductor ...
100130 NSC-100130 Datasheet
404Kb / 6P
   Triple D Latch
logo
Micrel Semiconductor
SY100S350 MICREL-SY100S350_07 Datasheet
86Kb / 5P
   HEX D-LATCH
logo
NXP Semiconductors
HEF4042B PHILIPS-HEF4042B Datasheet
60Kb / 6P
   Quadruple D-latch
January 1995
logo
Motorola, Inc
SN54LS75 MOTOROLA-SN54LS75 Datasheet
98Kb / 4P
   4-BIT D LATCH
logo
STMicroelectronics
HCC4042B STMICROELECTRONICS-HCC4042B Datasheet
301Kb / 13P
   QUAD CLOCKED D LATCH
74V1G77 STMICROELECTRONICS-74V1G77 Datasheet
131Kb / 10P
   SINGLE D-TYPE LATCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com