Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY55851AUKITR Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY55851AUKITR
Description  2.5V/3V, 3.0GHz CML AnyGate ANY LOGIC WITH 50ohm or 100ohm OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY55851AUKITR Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY55851AUKITR Datasheet HTML 1Page - Micrel Semiconductor SY55851AUKITR Datasheet HTML 2Page - Micrel Semiconductor SY55851AUKITR Datasheet HTML 3Page - Micrel Semiconductor SY55851AUKITR Datasheet HTML 4Page - Micrel Semiconductor SY55851AUKITR Datasheet HTML 5Page - Micrel Semiconductor SY55851AUKITR Datasheet HTML 6Page - Micrel Semiconductor SY55851AUKITR Datasheet HTML 7Page - Micrel Semiconductor SY55851AUKITR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
SuperLite™
SY55851
SY55851A
Micrel, Inc.
M9999-110705
hbwhelp@micrel.com or (408) 955-1690
Symbol
Rating
Value
Unit
V
CC
Power Supply Voltage
–0.5 to +6.0
V
V
IN
Input Voltage
–0.5 to V
CC +0.5
V
V
OUT
CML Output Voltage
V
CC –1.0 to VCC +0.5
V
T
A
Operating Temperature Range
–40 to +85
°C
T
LEAD
Lead Temperature (soldering, 20sec.)
260
°C
T
store
Storage Temperature Range
–65 to +150
°C
θ
JA
Package Thermal Resistance
–Still-Air (multi-layer PCB)
113
°C/W
(Junction-to-Ambient)
–500lfpm (multi-layer PCB)
96
°C/W
θ
JC
Package Thermal Resistance
42
°C/W
(Junction-to-Case)
Note 1.
Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions
for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
V
ID
Differential Input Voltage
100
——
mV
V
IH
Input HIGH Voltage
1.6
V
CC
V
V
IL
Input LOW Voltage
1.5
V
CC – 0.1
V
V
OH
Output HIGH Voltage
V
CC – 0.040
V
CC – 0.010
V
CC
V
No Load
V
OL
Output LOW Voltage
V
CC – 1.00
V
CC – 0.800
V
CC – 0.65
V
No Load
V
OUT
Output Voltage Swing(3)
0.650
0.800
1.00
V
No Load
SY55851
0.400
V
100
Ω Load(4)
0.200
V
50
Ω Load(5) (SY55851)
SY55851A
0.400
V
50
Ω Load(6) (SY55851A)
R
OUT
Output Source Impedance
SY55851
80
100
120
SY55851A
40
50
60
CML DC ELECTRICAL CHARACTERISTICS
V
CC = 2.3V to 3.6V; GND = 0V; TA = –40°C to +85°C
Note 2.
The DC parameters are guaranteed after thermal equilibrium has been established.
Note 3.
Actual voltage levels and differential swing will depend on customer termination scheme. Refer to the “CML Termination” diagram for more details.
Note 4.
Applies to SY55851: 200
Ω termination resistor across Q and /Q. See Figure 3a.
Note 5.
Applies to the SY55851. See Figure 3c.
Note 6.
Applies to the SY55851A: 100
Ω termination resistor across Q and /Q. See Figure 3b.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
V
CC
Power Supply Voltage
2.3
3.6
V
I
CC
Power Supply Current
SY55851
——
40
mA
No Load
SY55851A
46
60
mA
No Load
DC ELECTRICAL CHARACTERISTICS
T
A = –40°C to +85°C
(2)


Similar Part No. - SY55851AUKITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55851AUKITR MICREL-SY55851AUKITR Datasheet
64Kb / 8P
   2.5V/3V, 3.0GHz CML AnyGate짰ANY LOGIC WITH 50廓 or 100廓 OUTPUTS
More results

Similar Description - SY55851AUKITR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SY55851A MICROCHIP-SY55851A Datasheet
944Kb / 16P
   2.5V/3.3V, 3.0GHz CML AnyGate®Any Logic with 50 Outputs
Revision A February 2019
logo
Micrel Semiconductor
SY55851 MICREL-SY55851_09 Datasheet
64Kb / 8P
   2.5V/3V, 3.0GHz CML AnyGate짰ANY LOGIC WITH 50廓 or 100廓 OUTPUTS
logo
ON Semiconductor
NB7V32M ONSEMI-NB7V32M Datasheet
164Kb / 9P
   1.8V / 2.5V, 10GHz 첨2 Clock Divider with CML Outputs
November, 2009 ??Rev. 4
NB7V33M ONSEMI-NB7V33M Datasheet
167Kb / 10P
   1.8V / 2.5V, 10GHz 첨4 Clock Divider with CML Outputs
January, 2010 ??Rev. 2
logo
Micrel Semiconductor
SY58051U MICREL-SY58051U Datasheet
156Kb / 10P
   ULTRA-PRECISION CML AnyGate WITH INTERNAL INPUT AND OUTPUT TERMINATION
SY55858U MICREL-SY55858U Datasheet
73Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55858U MICREL-SY55858U_05 Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY58051AU MICREL-SY58051AU Datasheet
984Kb / 14P
   Ultra-Precision CML AnyGate with Internal Input and Output Termination
logo
ON Semiconductor
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB7VQ1006M ONSEMI-NB7VQ1006M Datasheet
177Kb / 10P
   1.8V / 2.5V 10Gbps Equalizer Receiver with 1:6 Differential CML Outputs
June, 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com