Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGM1216B Datasheet(PDF) 4 Page - AZ Displays

Part # AGM1216B
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

AGM1216B Datasheet(HTML) 4 Page - AZ Displays

  AGM1216B Datasheet HTML 1Page - AZ Displays AGM1216B Datasheet HTML 2Page - AZ Displays AGM1216B Datasheet HTML 3Page - AZ Displays AGM1216B Datasheet HTML 4Page - AZ Displays AGM1216B Datasheet HTML 5Page - AZ Displays AGM1216B Datasheet HTML 6Page - AZ Displays AGM1216B Datasheet HTML 7Page - AZ Displays AGM1216B Datasheet HTML 8Page - AZ Displays AGM1216B Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Note:
*1 Driving A - Duty driving by DMS505 (fFRM = 100Hz, 1/132 duty, 1/6 bias)
Driving B - Duty driving by Actual driver IC
*2 Backlight coordinates (x , y) = (0.31 , 0.32)
4.3 Electrical Characteristics
No
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
1
Supply Voltage for Logic
VDD-VSS -
2.8
3.0
3.3
V
2
Supply Voltage for LCD Driver VLCD
Ta=23+3
oC
9.4
V
3
Supply Current for Logic
IDD
-… .
3.0
mA
5
Input High Voltage
VIH
-
0.8xVDD -
VDD
V
6
Input Low Voltage
VIL
-
VSS
-
0.2xVDD V
7
Output High Voltage
VOH
IOH=0.5mA
0.8xVDD -
VDD
V
8
Output Low Voltage
VOL
IOL=0.5mA
VSS
-
0.2xVDD V
9
Supply
Current
for
LED
Backlight
ILED
VLED = Typ.
Ta=23+3
oC
-
15
-
mA
10
Supply
Voltage
for
LED
Backlight
VLED
ILED = Typ.
Ta=23+3
oC
-
9.6
10.0
V
11
Luminance
Lv
ILED = Typ.
Ta=23+3
oC
3000
3300
-
cd/m²
Timing Characteristics
See Data sheet of LCD Driver for detail.
Programming
Instruction Table
See Data sheet of LCD Driver for detail.
Page 3


Similar Part No. - AGM1216B

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM1216A AZDISPLAYS-AGM1216A Datasheet
722Kb / 12P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - AGM1216B

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com