Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY55851UKI Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY55851UKI
Description  2.5V/3V, 3.0GHz CML AnyGate ANY LOGIC WITH 50ohm or 100ohm OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY55851UKI Datasheet(HTML) 7 Page - Micrel Semiconductor

  SY55851UKI Datasheet HTML 1Page - Micrel Semiconductor SY55851UKI Datasheet HTML 2Page - Micrel Semiconductor SY55851UKI Datasheet HTML 3Page - Micrel Semiconductor SY55851UKI Datasheet HTML 4Page - Micrel Semiconductor SY55851UKI Datasheet HTML 5Page - Micrel Semiconductor SY55851UKI Datasheet HTML 6Page - Micrel Semiconductor SY55851UKI Datasheet HTML 7Page - Micrel Semiconductor SY55851UKI Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
SuperLite™
SY55851
SY55851A
Micrel, Inc.
M9999-110705
hbwhelp@micrel.com or (408) 955-1690
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
f
MAX
(3)
Max. Operating Frequency
SY55851
2.5
——
GHz
SY55851A
3.0
——
GHz
t
PD(S-Q)
Propagation Delay
(S to Q)
SY55851
——
350
ps
SY55851A
130
280
ps
t
PD
Propagation Delay
(A-Q and B-Q)
(A-Q and B-Q)
SY55851
——
350
ps
SY55851A
130
280
ps
t
r
CML Output Rise/Fall Times
t
f
(20% to 80%)
SY55851
——
110
ps
SY55851A
65
100
ps
AC ELECTRICAL CHARACTERISTICS(1, 2)
V
CC = 2.3V to 3.6V; GND = 0V; TA = –40°C to +85°C
Note 1.
SY55851: outputs terminated to 50
Ω equivalent load. See Figure 3c.
SY55851A: outputs terminated to 50
Ω load. See Figure 3b
Note 2.
Specification for packaged product only.
Note 3.
fMAX represents a maximum toggle rate in which the output still meets CML logic swing.


Similar Part No. - SY55851UKI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55851UKI MICREL-SY55851UKI Datasheet
64Kb / 8P
   2.5V/3V, 3.0GHz CML AnyGate짰ANY LOGIC WITH 50廓 or 100廓 OUTPUTS
SY55851UKITR MICREL-SY55851UKITR Datasheet
64Kb / 8P
   2.5V/3V, 3.0GHz CML AnyGate짰ANY LOGIC WITH 50廓 or 100廓 OUTPUTS
More results

Similar Description - SY55851UKI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SY55851A MICROCHIP-SY55851A Datasheet
944Kb / 16P
   2.5V/3.3V, 3.0GHz CML AnyGate®Any Logic with 50 Outputs
Revision A February 2019
logo
Micrel Semiconductor
SY55851 MICREL-SY55851_09 Datasheet
64Kb / 8P
   2.5V/3V, 3.0GHz CML AnyGate짰ANY LOGIC WITH 50廓 or 100廓 OUTPUTS
logo
ON Semiconductor
NB7V32M ONSEMI-NB7V32M Datasheet
164Kb / 9P
   1.8V / 2.5V, 10GHz 첨2 Clock Divider with CML Outputs
November, 2009 ??Rev. 4
NB7V33M ONSEMI-NB7V33M Datasheet
167Kb / 10P
   1.8V / 2.5V, 10GHz 첨4 Clock Divider with CML Outputs
January, 2010 ??Rev. 2
logo
Micrel Semiconductor
SY58051U MICREL-SY58051U Datasheet
156Kb / 10P
   ULTRA-PRECISION CML AnyGate WITH INTERNAL INPUT AND OUTPUT TERMINATION
SY55858U MICREL-SY55858U Datasheet
73Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55858U MICREL-SY55858U_05 Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY58051AU MICREL-SY58051AU Datasheet
984Kb / 14P
   Ultra-Precision CML AnyGate with Internal Input and Output Termination
logo
ON Semiconductor
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB7VQ1006M ONSEMI-NB7VQ1006M Datasheet
177Kb / 10P
   1.8V / 2.5V 10Gbps Equalizer Receiver with 1:6 Differential CML Outputs
June, 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com