Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4900IJS-T1 Datasheet(PDF) 10 Page - Advanced Analog Technology, Inc.

Part # AAT4900IJS-T1
Description  Buffered Power Half-Bridge
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4900IJS-T1 Datasheet(HTML) 10 Page - Advanced Analog Technology, Inc.

Back Button AAT4900IJS-T1 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4900IJS-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4900IJS-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4900IJS-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4900IJS-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT4900IJS-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT4900IJS-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT4900IJS-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT4900IJS-T1 Datasheet HTML 13Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AAT4900
Buffered Power Half-Bridge
10
4900.2006.05.1.3
Figure 3: Typical Motor Control Block Diagram.
Figure 4: Recommended Decoupling Layout Pattern.
5 V+
2 GND
1 LX
3 EN
4 CLK
AAT4900
CAP
EN
CLK
GND
IN
LX
AAT4900
LX
IN
GND
AAT4900
EN
CLK
DC Brushless
Motor
Clock
Enable
Ground
+5V
Motor Drive
The AAT4900 is also ideally suited for use as an effi-
cient output driver for DC brushless motor control.
The inductive load switching capability of the
AAT4900 eliminates the need for external diodes. A
typical motor control circuit is illustrated in Figure 3.
Recommended Decoupling Layout
Pattern
Because of the extremely fast switching speed and
the high switching currents, optimum placement of
the input capacitor is critical. It is recommended
that a 0.1µF to 10µF 0805 or 1206 ceramic capac-
itor be placed as close as possible to the IC, as
shown in Figure 4. This helps to decouple the
switching transients from the stray inductance
present in the PC board.


Similar Part No. - AAT4900IJS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4900IJS-T1 ANALOGICTECH-AAT4900IJS-T1 Datasheet
319Kb / 13P
   Buffered Power Half-Bridge
More results

Similar Description - AAT4900IJS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4900 ANALOGICTECH-AAT4900_06 Datasheet
319Kb / 13P
   Buffered Power Half-Bridge
AAT4900 ANALOGICTECH-AAT4900 Datasheet
191Kb / 4P
   Buffered Power Half-Bridge
AAT4901 ANALOGICTECH-AAT4901 Datasheet
1Mb / 16P
   Buffered Power Full-Bridge
logo
Allegro MicroSystems
3946 ALLEGRO-3946 Datasheet
459Kb / 14P
   Half-Bridge Power MOSFET Controller
logo
Infineon Technologies A...
TLE94106EL INFINEON-TLE94106EL Datasheet
1Mb / 75P
   Six half bridge power outputs
1.0 2016-09-08
TLE94108ES INFINEON-TLE94108ES Datasheet
1Mb / 76P
   Eight half bridge power outputs
Data Sheet 1.0 2020-09-29
TLE94106ES INFINEON-TLE94106ES Datasheet
1Mb / 75P
   Six half-bridge power outputs
Datasheet 1.0 2018-01-08
logo
Texas Instruments
LMG5200 TI1-LMG5200_16 Datasheet
299Kb / 23P
[Old version datasheet]   GaN Half-Bridge Power Stage
logo
Allegro MicroSystems
3946 ALLEGRO-3946_04 Datasheet
313Kb / 13P
   Half-Bridge Power MOSFET Controller
A3946 ALLEGRO-A3946_16 Datasheet
327Kb / 14P
   Half-Bridge Power MOSFET Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com