Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4680 Datasheet(PDF) 10 Page - Advanced Analog Technology, Inc.

Part # AAT4680
Description  Electronic Resettable Fuse
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4680 Datasheet(HTML) 10 Page - Advanced Analog Technology, Inc.

Back Button AAT4680 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT4680 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4680 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4680 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4680 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4680 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4680 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4680 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT4680 Datasheet HTML 10Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Ordering Information
Package Information
All dimensions in millimeters.
0.15
± 0.07
0.45
± 0.15
0.10 BSC
0.40
± 0.10
0.60 REF
2.85
± 0.15
1.90 BSC
0.95
BSC
10
° ± 5°
GAUGE PLANE
0.075
± 0.075
0.60 REF
All AnalogicTech products are offered in Pb-free packaging. The term “Pb-free” means
semiconductor products that are in compliance with current RoHS standards, including
the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more
information, please visit our website at http://www.analogictech.com/pbfree.
Package
Marking1
Part Number (Tape and Reel)2
SOT23-5
BWXYY
AAT4680IGV-T1
AAT4680
Electronic Resettable Fuse
10
4680.2006.05.1.2
Advanced Analogic Technologies, Inc.
830 E. Arques Avenue, Sunnyvale, CA 94085
Phone (408) 737-4600
Fax (408) 737-4611
10
4680.2006.05.1.2
1. XYY = assembly and date code.
2. Sample stock is generally held on all part numbers listed in BOLD.
© Advanced Analogic Technologies, Inc.
AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights,
or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice.
Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold sub-
ject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. AnalogicTech
warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with AnalogicTech’s standard warranty. Testing and other quality con-
trol techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed.
AnalogicTech and the AnalogicTech logo are trademarks of Advanced Analogic Technologies Incorporated. All other brand and product names appearing in this document are regis-
tered trademarks or trademarks of their respective holders.


Similar Part No. - AAT4680

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4680 ANALOGICTECH-AAT4680 Datasheet
279Kb / 8P
   Electronic Resettable Fuse
AAT4680 ANALOGICTECH-AAT4680 Datasheet
216Kb / 10P
   Electronic Resettable Fuse
AAT4680IGV-T1 ANALOGICTECH-AAT4680IGV-T1 Datasheet
279Kb / 8P
   Electronic Resettable Fuse
AAT4680IGV-T1 ANALOGICTECH-AAT4680IGV-T1 Datasheet
216Kb / 10P
   Electronic Resettable Fuse
AAT4680 ANALOGICTECH-AAT4680_06 Datasheet
216Kb / 10P
   Electronic Resettable Fuse
More results

Similar Description - AAT4680

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4680 ANALOGICTECH-AAT4680_06 Datasheet
216Kb / 10P
   Electronic Resettable Fuse
AAT4680 ANALOGICTECH-AAT4680 Datasheet
279Kb / 8P
   Electronic Resettable Fuse
logo
List of Unclassifed Man...
MC33196 ETC-MC33196 Datasheet
1Mb / 4P
   Resettable Fuse
logo
HuaXinAn Electronics CO...
SMD1210 HUAXINAN-SMD1210 Datasheet
253Kb / 2P
   Resettable Fuse PTC
JK130010 HUAXINAN-JK130010 Datasheet
302Kb / 2P
   Resettable Fuse PTC
JK30075 HUAXINAN-JK30075 Datasheet
321Kb / 3P
   Resettable Fuse PTC
JK-MSMD010 HUAXINAN-JK-MSMD010 Datasheet
269Kb / 2P
   Resettable Fuse PTC
JK-SMD0805-010 HUAXINAN-JK-SMD0805-010 Datasheet
251Kb / 2P
   Resettable Fuse PTC
logo
Shanghai Yint Electroni...
SMD2920 YINT-SMD2920 Datasheet
476Kb / 4P
   POLYMER RESETTABLE FUSE
logo
Bourns Electronic Solut...
MF-LL190 BOURNS-MF-LL190 Datasheet
235Kb / 2P
   PTC Resettable Fuse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com