Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S838LZCTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100S838LZCTR
Description  (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S838LZCTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100S838LZCTR Datasheet HTML 1Page - Micrel Semiconductor SY100S838LZCTR Datasheet HTML 2Page - Micrel Semiconductor SY100S838LZCTR Datasheet HTML 3Page - Micrel Semiconductor SY100S838LZCTR Datasheet HTML 4Page - Micrel Semiconductor SY100S838LZCTR Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Precision Edge®
SY100S838
SY100S838L
Micrel, Inc.
M9999-113006
hbwhelp@micrel.com or (408) 955-1690
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ. Max. Min.
Typ. Max. Min. Typ. Max.
Unit
IEE
Power Supply Current
35
50
65
35
50
65
35
50
65
35
54
75
mA
VBB
Output Reference Voltage
-1.38
-1.26 -1.38
-1.26 -1.38
-1.26 -1.38
-1.26
V
IIH
Input High Current
150
150
150
150
µA
BLOCK DIAGRAM
DC ELECTRICAL CHARACTERISTICS(1)
VEE = VEE (Min.) to VEE (Max.); VCC = GND
Note:
1. Parametric values specified at:
5 volt Power Supply Range
100S838 Series:
-4.2V to -5.5V.
3 volt Power Supply Range
100S838L Series
-3.0V to -3.8V.
EN
R
MR
DIVSEL
CLK
CLK
Q2
Q2
Q3
Q3
÷ 1
÷ 2
÷ 2 or
÷ 3
÷ 4 or
÷ 6
Q0
Q0
Q1
Q1
FSEL
1
0
1
0


Similar Part No. - SY100S838LZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S838LZCTR MICREL-SY100S838LZCTR Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
SY100S838LZCTR MICREL-SY100S838LZCTR Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
More results

Similar Description - SY100S838LZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_11 Datasheet
249Kb / 8P
   (첨1, 첨2, 첨4) or (첨2, 첨4, 첨8) Clock Generation Chip
SY100S834 MICREL-SY100S834_09 Datasheet
82Kb / 6P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_06 Datasheet
61Kb / 5P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100LVEL38 ONSEMI-MC100LVEL38 Datasheet
128Kb / 5P
   첨2, 첨4/6 Clock Generation Chip
1996 REV 1
logo
Motorola, Inc
MC100LVEL39 MOTOROLA-MC100LVEL39 Datasheet
127Kb / 4P
   첨2/4,첨4/6 Clock Generation Chip
logo
ON Semiconductor
MC100EL38 ONSEMI-MC100EL38_06 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
MC100LVEL38 ONSEMI-MC100LVEL38_06 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
logo
Micrel Semiconductor
SY100S839V MICREL-SY100S839V Datasheet
68Kb / 5P
   첨2/4, 첨4/5/6 CLOCK GENERATION CHIP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com