Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4644 Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT4644
Description  4-Channel Current Limited Load Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4644 Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT4644 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT4644 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT4644 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4644 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4644 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4644 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4644 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4644 Datasheet HTML 8Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SmartSwitch
AAT4644
4-Channel Current Limited Load Switch
4644.2006.05.1.2
1
General Description
The AAT4644 is a four-channel resettable fuse. It
utilizes independent current-limited and thermally-
protected P-channel MOSFETs to protect against
short circuits. Current limit is factory programmed
at 1A. Additional protection is provided with under-
voltage lockout. The switches are turned off when
the input voltage drops below a preset level. The
quiescent supply current is typically 20µA. The
AAT4644 is a flexible solution, allowing system
designers to gang outputs together for lower
RDS(ON) and higher current limit.
The AAT4644 is available in a Pb-free, 8-pin
TSSOP or SOP package and is specified over the
-40°C to +85°C temperature range.
Features
500mA per Channel Steady State
4 x 1A Current Limit Trip Point
Over-Temperature Protection
Fast Transient Response:
— 1µs (Typ) Response to Short Circuit
100m
Ω Typical RDS(ON)
Under-Voltage Lockout
Temperature Range: -40°C to +85°C
8-Pin TSSOP or SOP Package
Applications
Desktop PCs
Peripheral Ports
USB Ports
Typical Application
AAT4644
2, 7
1
3
8
6
4
IN
INPUT
3.3V - 5V
GND
OUT1
OUT2
OUT3
OUT4
OUTPUT1
OUTPUT2
OUTPUT3
OUTPUT4


Similar Part No. - AAT4644

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4644 ANALOGICTECH-AAT4644 Datasheet
277Kb / 8P
   4-Channel Current Limited Load Switch
AAT4644 ANALOGICTECH-AAT4644 Datasheet
253Kb / 8P
   4-Channel Current Limited Load Switch
AAT4644IAS-B1 ANALOGICTECH-AAT4644IAS-B1 Datasheet
277Kb / 8P
   4-Channel Current Limited Load Switch
AAT4644IAS-T1 ANALOGICTECH-AAT4644IAS-T1 Datasheet
277Kb / 8P
   4-Channel Current Limited Load Switch
AAT4644IAS-T1 ANALOGICTECH-AAT4644IAS-T1 Datasheet
253Kb / 8P
   4-Channel Current Limited Load Switch
More results

Similar Description - AAT4644

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4644 ANALOGICTECH-AAT4644 Datasheet
277Kb / 8P
   4-Channel Current Limited Load Switch
AAT4644 ANALOGICTECH-AAT4644_06 Datasheet
253Kb / 8P
   4-Channel Current Limited Load Switch
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
G527 GMT-G527 Datasheet
110Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4612 ANALOGICTECH-AAT4612 Datasheet
670Kb / 10P
   Current Limited Load Switch
AAT4618 ANALOGICTECH-AAT4618 Datasheet
225Kb / 10P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5254 GMT-G5254 Datasheet
73Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com