Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK0033 Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK0033
Description  FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK0033 Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK0033 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK0033 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK0033 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK0033 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK0033 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK0033 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HEAT SINKING
To determine if a heat sink is necessary for your application
and if so, what type, refer to the thermal model and governing
equation below.
Example:
This example demonstrates a worst case analysis for the buffer
output stage. This occurs when the output voltage is 1/2 the
power supply voltage. Under this condition, maximum power
transfer occurs and the output is under maximum stress.
Conditions:
VCC = ±16VDC
VO = ±8Vp Sine Wave, Freq. = 1KHz
RL = 100
Governing Equation:
TJ=PD x (R
θJC + RθCS + RθSA) + TA
Where
TJ = Junction Temperature
PD = Total Power Dissipation
R
θJC = Junction to Case Thermal Resistance
R
θCS = Case to Heat Sink Thermal Resistance
R
θSA = Heat Sink to Ambient Thermal Resistance
TC = Case Temperature
TA = Ambient Temperature
TS = Sink Temperature
R
θSA = ((TJ - TA)/PD) - (RθJC) - (RθCS)
= ((125°C - 80°C) / .64W) - 65°C/W - .15°C/W
= 70.3 - 65.15
= 5.2°C/W
The heat sink in this example must have a thermal resistance
of no more than 5.2°C/W to maintain a junction temperature of
no more than +125°C.
Thermal Model:
For a worst case analysis we will treat the ±8Vp sine wave
as an 8 VDC output voltage.
1.) Find Driver Power Dissipation
PD = (VCC-VO) (VO/RL)
= (16V-8V) (8V/100
Ω)
= 640mW
2.) For conservative design, set TJ=+125°C Max.
3.) For this example, worst case TA=+80°C
4.) R
θJC = 65°C/W from MSK 0033B Data Sheet
5.) R
θCS = 0.15°C/W for most thermal greases
6.) Rearrange governing equation to solve for R
θSA
POWER SUPPLY BYPASSING
Both the negative and the positive power supplies must be
effectively decoupled with a high and low frequency bypass
circuit to avoid power supply induced oscillation. An effective
decoupling scheme consists of a 0.1 microfarad ceramic ca-
pacitor in parallel with a 4.7 microfarad tantalum capacitor from
each power supply pin to ground.
APPLICATION NOTES
OFFSET VOLTAGE ADJUST
See Figure 1. To externally null the offset voltage, connect a
200
Ω potentiometer between Pins 7 and 10 and leave Pin 6
open. If offset null is not necessary, short Pin 6 to Pin 7 and
remove the 200
Ω potentiometer. Do not connect Pin 7 to -
Vcc.
CURRENT LIMITING
See Figure 1. If no current limit is required, short Pin 1 to Pin
12 and Pin 9 to Pin 10 and delete Q1 thru Q4 connections. Q1
through Q4 and the Rlim resistors form a current source current
limit scheme and current limit resistor values can be calculated
as follows:
+Rlim
≅ Vbe
-Rlim
≅ Vbe
Isc
Isc
Since current limit is directly proportional to the base-emitter
voltage drop of the 2N2222's and 2N2907's in the current
limit scheme, the current limit value will change slightly with
ambient temperature changes. The base-emitter voltage drop
will decrease as temperature increases causing the actual cur-
rent limit point to decrease.
3
Rev. D 9/06


Similar Part No. - MSK0033

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSK0033 ETC1-MSK0033 Datasheet
449Kb / 6P
   FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
logo
Anaren Microwave
MSK0033 ANAREN-MSK0033 Datasheet
183Kb / 6P
   FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
logo
List of Unclassifed Man...
MSK0033B ETC1-MSK0033B Datasheet
449Kb / 6P
   FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
logo
Anaren Microwave
MSK0033B ANAREN-MSK0033B Datasheet
183Kb / 6P
   FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK0033 MSK-MSK0033_15 Datasheet
183Kb / 6P
   Low Input Offset - 2mV
More results

Similar Description - MSK0033

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK0033 ANAREN-MSK0033 Datasheet
183Kb / 6P
   FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
logo
List of Unclassifed Man...
MSK0033 ETC1-MSK0033 Datasheet
449Kb / 6P
   FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
logo
Burr-Brown (TI)
INA111 BURR-BROWN-INA111 Datasheet
245Kb / 11P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111_07 Datasheet
241Kb / 14P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
logo
National Semiconductor ...
LH4004 NSC-LH4004 Datasheet
233Kb / 6P
   WIDEBAND FET - INPUT BUFFER / AMPLIFIER
LM110 NSC-LM110 Datasheet
348Kb / 16P
   Voltage Follower
logo
Texas Instruments
OPA445BM TI-OPA445BM Datasheet
897Kb / 25P
[Old version datasheet]   High Voltage FET-Input OPERATIONAL AMPLIFIER
OPA445SM TI-OPA445SM Datasheet
885Kb / 25P
[Old version datasheet]   High Voltage FET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA445 BURR-BROWN-OPA445 Datasheet
131Kb / 11P
   High Voltage FET-Input OPERATIONAL AMPLIFIER
logo
NTE Electronics
NTE924 NTE-NTE924 Datasheet
24Kb / 3P
   Integrated Circuit Voltage Follower, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com