Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSK0032 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part No. MSK0032
Description  HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MSK [M.S. Kennedy Corporation]
Homepage  http://www.mskennedy.com
Logo 

MSK0032 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STATIC
Supply Voltage Range
Quiescent Current
INPUT
Input Offset Voltage
Input Offset Voltage Drift
Input Offset Adjust
Input Bias Current
Input Offset Current
Input Impedance
Power Supply Rejection Ratio
Common Mode Rejection Ratio
Input Noise Voltage
Equivalent Input Noise
OUTPUT
Output Voltage Swing
Output Current
Settling Time to 1%
Settling Time to 0.1%
Unity Gain Bandwidth
TRANSFER CHARACTERISTICS
Slew Rate Limit
Open Loop Voltage Gain
Small Signal Rise Time
Small Signal Delay Time
VIN=0V
Bal.Pins=N/C VIN=0V AV=-10V/V
Bal.Pins=N/C VIN=0V
RPOT=10K
Ω To +VCC
VCM=0V
Either Input
VCM=0V
F=DC
∆ VCC=±15V
F=DC VCM=±10V
F=10Hz To 1MHz
F=1KHz
RL=1K
RL=1K
RL=1K
Ω 10V step
RL=1K
Ω 10V step
AV=+1
VOUT=±10V RL=1K
VOUT=±10V F=100Hz
AV = +1 RL = 1K
VIN = 1V RL = 1K
±18V
±40mA
±30V
-55°C to +125°C
-40°C to +85°C
200°C/W
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TJ
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Junction Temperature
-65°C to +150°C
300°C
175°C
±VCC
IOUT
VIN
TC
RTH
1
2
3
4
5
6
7
8
AV=-1, measured in false summing junction circuit.
Devices shall be capable of meeting the parameter, but need not be tested. Typical parameters are for reference only.
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 5 and 6 testing available upon request.
Subgroup 1,4
TA=TC=+25°C
Subgroup 2,5
TA=TC=+125°C
Subgroup 3,6
TA=TC=-55°C
Electrical specifications are derated for power supply voltages other than ±15VDC.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cyle.
NOTES:
Supply Voltage
Output Current
Differential Input Voltage
Case Operating Temperature Range
(MSK 0032B)
(MSK 0032)
Thermal Resistance
Junction to Case
Output Devices Only
ELECTRICAL SPECIFICATIONS
±Vcc=±15V Unless Otherwise Specified
Min.
±10
-
-
-
-
-
-
-
-
-
50
50
-
-
±10
±10
-
-
-
350
70
-
-
Max.
±18
±20
±25
±5
±50
±100
±50
25
25
-
-
-
-
-
-
-
0.5
-
-
-
-
20
25
Min.
-
-
-
-
-
-
-
-
-
-
45
45
-
-
±10
±10
-
-
-
350
70
-
-
Max.
±18
±22
-
±7
-
±300
-
100
-
-
-
-
-
-
-
-
0.5
-
-
-
-
20
25
Units
V
mA
mA
mV
µV/°C
mV
pA
nA
pA
nA
dB
dB
µVrms
nV
√Hz
V
mA
µS
nS
MHz
V/µS
dB
nS
nS
MSK 0032B
MSK 0032
2
Typ.
±15
±15
-
±1
-
±25
-
20
-
10
70
80
1.5
40
±12
±20
0.1
300
25
650
-
10
12
Test Conditions
Parameter
1
2
2
7
Typ.
±15
±15
±18
±0.5
±10
±10
±0.2
10
0.1
10
70
80
1.5
40
±12
±20
0.1
300
25
650
-
10
12
Adjust to Zero
Adjust to Zero
12
12
Group A
Subgroup
-
1
2,3
1
2,3
1,2,3
1
2,3
1
2,3
-
-
-
-
-
4
4
4
4
-
4
4
4
4
1
2
2
2
2
Rev. C 9/06
2
8


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn