Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S811ZC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100S811ZC
Description  SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S811ZC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100S811ZC Datasheet HTML 1Page - Micrel Semiconductor SY100S811ZC Datasheet HTML 2Page - Micrel Semiconductor SY100S811ZC Datasheet HTML 3Page - Micrel Semiconductor SY100S811ZC Datasheet HTML 4Page - Micrel Semiconductor SY100S811ZC Datasheet HTML 5Page - Micrel Semiconductor SY100S811ZC Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Micrel, Inc.
M9999-021407
hbwhelp@micrel.com or (408) 955-1690
Precision Edge®
SY100S811
TTL DC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS(1–6)
Notes:
1. Part-to-part skew is defined as Max. — Min. value at the given temperature.
2. The differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing point of the
differential output signals.
3. The single-ended propagation delay is defined as the delay from the 50% point of the input signal to the 50% point of the output signal.
4. The within-device skew is defined as the worst case difference between any two similar delay paths within a single device.
5. VPP (min.) is defined as the minimum input differential voltage which will cause no increase in the propagation delay. The VPP (min.) is AC limited for
the S811, as a differential input as low as 50mV will still produce full PECL levels at the output.
6. VCMR is defined as the range within which the VIH level may vary, with the device still meeting the propagation delay specification. The VIL level must
be such that the peak-to-peak voltage is less than 1.0V and greater than or equal to VPP (min.).
VCC = VCCO = +5.0V
± 5%
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VIH
Input HIGH Voltage
2.0
——
2.0
——
2.0
——
V
VIL
Input LOW Voltage
——
0.8
——
0.8
——
0.8
V
IIH
Input HIGH Current(1),(2)
——
20
——
20
——
20
µA
——
100
——
100
——
100
IIL
Input LOW Current(3)
——
–0.6
——
–0.6
——
–0.6
mA
VIK
Input Clamp Voltage(4)
——
–1.2
——
–1.2
——
–1.2
V
Notes:
1.
VIN = 2.7V
2.
VIN = 5.0V
3.
VIN = 0.5V
4.
IIN = -18mA
VCC = VCCO = +5.0V
± 5%
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
tPLH
Propagation Delay to Output(1)
ps
tPHL
EIN (differential)(2)
430
630
430
630
430
630
EIN (single-ended)(3)
330
730
330
730
330
730
TIN
350
950
350
950
350
950
tskew
Within-Device skew(4)
25
50
25
50
25
50
ps
VPP
Minimum PECL Input Swing(5)
250
——
250
——
250
——
mV
VCMR
PECL Common Mode Range(6)
–1.6
—–0.4
–1.6
—–0.4
–1.6
—–0.4
V
tr
Output Rise/Fall Times
275
375
600
275
375
600
275
375
600
ps
tf
20% to 80%


Similar Part No. - SY100S811ZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S811ZC MICREL-SY100S811ZC Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811ZCTR MICREL-SY100S811ZCTR Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
More results

Similar Description - SY100S811ZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S811 MICREL-SY100S811 Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY10H641 MICREL-SY10H641 Datasheet
84Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641 MICREL-SY10H641_06 Datasheet
73Kb / 6P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641A MICREL-SY10H641A Datasheet
127Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641L MICREL-SY10H641L Datasheet
86Kb / 5P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641L MICREL-SY10H641L_06 Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY100S815 MICREL-SY100S815 Datasheet
67Kb / 4P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY100S815 MICREL-SY100S815_06 Datasheet
60Kb / 5P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641_06 Datasheet
137Kb / 10P
   Single Supply PECL to TTL 1:9 Clock Distribution Chip
November, 2006 ??Rev.7
MC10H641 ONSEMI-MC10H641 Datasheet
138Kb / 8P
   SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
1996 REV 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com