Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S811 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100S811
Description  SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S811 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100S811 Datasheet HTML 1Page - Micrel Semiconductor SY100S811 Datasheet HTML 2Page - Micrel Semiconductor SY100S811 Datasheet HTML 3Page - Micrel Semiconductor SY100S811 Datasheet HTML 4Page - Micrel Semiconductor SY100S811 Datasheet HTML 5Page - Micrel Semiconductor SY100S811 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Micrel, Inc.
M9999-021407
hbwhelp@micrel.com or (408) 955-1690
Precision Edge®
SY100S811
FEATURES
DESCRIPTION
Precision Edge®
SY100S811
Rev.: H
Amendment: /0
Issue Date:
February 2007
SINGLE SUPPLY 1:9
PECL/TTL-TO-PECL
s PECL version of popular ECLinPS E111
s Low skew
s Guaranteed skew spec
s VBB output
s TTL enable input
s Selectable TTL or PECL clock input
s Single +5V supply
s Differential internal design
s Similar pin configuration to E111
s PECL I/O fully compatible with industry standard
s Internal 75K
PECL input pull-down resistors
s Available in 28-pin PLCC and SOIC packages
The SY100S811 is a low skew 1-to-9 PECL differential
driver designed for clock distribution in new, high-
performance PECL systems. It accepts either a PECL
clock input or a TTL input by using the TTL enable pin TEN.
When the TTL enable pin is HIGH, the TTL input is enabled
and the PECL input is disabled. When the enable pin is set
LOW, the TTL input is disabled and the PECL input is
enabled.
The device is specifically designed and produced for low
skew. The interconnect scheme and metal layout are
carefully optimized for minimal gate-to-gate skew within
the device. Wafer characterization and process control
ensure consistent distribution of propagation delay from lot
to lot. Since the S811 shares a common set of “basic”
processing with the other members of the ECLinPS family,
wafer characterization at the point of device personalization
allows for tighter control of parameters, including
propagation delay.
To ensure that the skew specification is met, it is
necessary that both sides of the differential output are
terminated into 50
Ω, even if only one side is being used. ln
most applications, all nine differential pairs will be used
and, therefore, terminated. In the case where fewer than
nine pairs are used, it is necessary to terminate at least the
output pairs on the same package side (i.e. sharing the
same VCCO as the pair(s) being used on that side) in order
to maintain minimum skew.
The VBB output is intended for use as a reference
voltage for single-ended reception of PECL signals to that
device only. When using VBB for this purpose, it is
recommended that VBB is decoupled to VCC via a 0.01
µF
capacitor.
BLOCK DIAGRAM
VBB
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Q5
Q5
Q6
Q6
Q7
Q7
Q8
Q8
EIN
EIN
0
1
TIN
TEN
Precision Edge is a registered trademark of Micrel, Inc.
Precision Edge®


Similar Part No. - SY100S811

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S811 MICREL-SY100S811 Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811JC MICREL-SY100S811JC Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811JCTR MICREL-SY100S811JCTR Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811ZC MICREL-SY100S811ZC Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811ZCTR MICREL-SY100S811ZCTR Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
More results

Similar Description - SY100S811

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S811 MICREL-SY100S811 Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY10H641 MICREL-SY10H641 Datasheet
84Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641 MICREL-SY10H641_06 Datasheet
73Kb / 6P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641A MICREL-SY10H641A Datasheet
127Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641L MICREL-SY10H641L Datasheet
86Kb / 5P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641L MICREL-SY10H641L_06 Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY100S815 MICREL-SY100S815 Datasheet
67Kb / 4P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY100S815 MICREL-SY100S815_06 Datasheet
60Kb / 5P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641_06 Datasheet
137Kb / 10P
   Single Supply PECL to TTL 1:9 Clock Distribution Chip
November, 2006 ??Rev.7
MC10H641 ONSEMI-MC10H641 Datasheet
138Kb / 8P
   SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
1996 REV 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com