Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4290 Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part # AAT4290
Description  I/O Expander Load Switches with Serial Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4290 Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT4290 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT4290 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT4290 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4290 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4290 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4290 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4290 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4290 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4290 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings
1
Thermal Characteristics
Symbol
Description
Value
Units
θ
JA
Thermal Resistance
3
225
°C/W
P
D
Maximum Power Dissipation (T
A = 25°C)
4
440
mW
Symbol
Description
Value
Units
V
IN
IN to GND
-0.3 to 6.0
V
V
OUT
OUT to GND
-0.3 to V
IN + 0.3
V
V
EN/SET
EN/SET to GND
-0.3 to 6.0
V
I
MAX
Maximum Continuous Switch Current
250
mA
T
STORAGE
Storage Temperature Range
-65 to 150
°C
V
ESD
ESD Rating - HBM
2
4000
V
AAT4290/91
I/O Expander Load Switches with Serial Control
4290.2006.03.1.2
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor to each pin.
3. Mounted on the board.
4. Derate 4.4mW/°C above 25°C.


Similar Part No. - AAT4290

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4290 ANALOGICTECH-AAT4290 Datasheet
231Kb / 12P
   I/O Expander Load Switches with Serial Control
AAT4290 ANALOGICTECH-AAT4290 Datasheet
246Kb / 12P
   I/O Expander Load Switches with Serial Control
AAT4290IJS-1-T1 ANALOGICTECH-AAT4290IJS-1-T1 Datasheet
231Kb / 12P
   I/O Expander Load Switches with Serial Control
AAT4290IJS-1-T1 ANALOGICTECH-AAT4290IJS-1-T1 Datasheet
246Kb / 12P
   I/O Expander Load Switches with Serial Control
AAT4290 ANALOGICTECH-AAT4290_06 Datasheet
246Kb / 12P
   I/O Expander Load Switches with Serial Control
More results

Similar Description - AAT4290

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4290 ANALOGICTECH-AAT4290 Datasheet
231Kb / 12P
   I/O Expander Load Switches with Serial Control
AAT4290 ANALOGICTECH-AAT4290_06 Datasheet
246Kb / 12P
   I/O Expander Load Switches with Serial Control
EV-101 ANALOGICTECH-EV-101 Datasheet
116Kb / 4P
   Triple I/O Expander Load Switch with Serial Control
logo
SiGe Semiconductor, Inc...
AATIAN78 SIGE-AATIAN78 Datasheet
121Kb / 4P
   Triple I/O Expander Load Switch with Serial Control
AATIAN77 SIGE-AATIAN77 Datasheet
162Kb / 4P
   I/O Expander Switch with Serial Control
AATIAN80 SIGE-AATIAN80 Datasheet
146Kb / 4P
   Five Channel Push/Pull I/O Expander with Serial Control
AATIAN82 SIGE-AATIAN82 Datasheet
138Kb / 4P
   Six-Channel Push/Pull I/O Expander with Serial Control
logo
Microchip Technology
MCP23017 MICROCHIP-MCP23017_16 Datasheet
879Kb / 42P
   16-Bit I/O Expander with Serial Interface
06/23/16
MCP23008 MICROCHIP-MCP23008_07 Datasheet
839Kb / 44P
   8-Bit I/O Expander with Serial Interface
2007
MCP23008 MICROCHIP-MCP23008 Datasheet
498Kb / 40P
   8-Bit I/O Expander with Serial Interface
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com