Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S366 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY100S366
Description  9-BIT COMPARATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S366 Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY100S366 Datasheet HTML 1Page - Micrel Semiconductor SY100S366 Datasheet HTML 2Page - Micrel Semiconductor SY100S366 Datasheet HTML 3Page - Micrel Semiconductor SY100S366 Datasheet HTML 4Page - Micrel Semiconductor SY100S366 Datasheet HTML 5Page - Micrel Semiconductor SY100S366 Datasheet HTML 6Page - Micrel Semiconductor SY100S366 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
SY100S366
Micrel, Inc.
M9999-032406
hbwhelp@micrel.com or (408) 955-1690
AC ELECTRICAL CHARACTERISTICS
PLCC
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND
TIMING DIAGRAM
Propagation Delay and Transition Times
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay
400
1500
400
1500
400
1500
ps
tPHL
Data to Output
tTLH
Transition Time
300
900
300
900
300
900
ps
tTHL
20% to 80%, 80% to 20%
OUTPUT
INPUT
20%
80%
50%
tPHL
tPLH
tTLH
tTHL
0.7 ± 0.1 ns
0.7 ± 0.1 ns
–0.95V
–1.69V
20%
80%
50%
Note:
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND


Similar Part No. - SY100S366

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S366 MICREL-SY100S366 Datasheet
114Kb / 6P
   9-BIT COMPARATOR
SY100S366 MICREL-SY100S366 Datasheet
77Kb / 6P
   9-BIT COMPARATOR
SY100S366FC MICREL-SY100S366FC Datasheet
114Kb / 6P
   9-BIT COMPARATOR
SY100S366JC MICREL-SY100S366JC Datasheet
114Kb / 6P
   9-BIT COMPARATOR
SY100S366JC MICREL-SY100S366JC Datasheet
77Kb / 6P
   9-BIT COMPARATOR
More results

Similar Description - SY100S366

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S366 MICREL-SY100S366 Datasheet
114Kb / 6P
   9-BIT COMPARATOR
SY100S366 MICREL-SY100S366_07 Datasheet
77Kb / 6P
   9-BIT COMPARATOR
logo
National Semiconductor ...
F100166 NSC-F100166 Datasheet
120Kb / 5P
   9-BIT COMPARATOR
logo
ON Semiconductor
MC10E166 ONSEMI-MC10E166 Datasheet
97Kb / 4P
   9-BIT MAGNITUDE COMPARATOR
REV 3
logo
Micrel Semiconductor
SY10E166 MICREL-SY10E166 Datasheet
56Kb / 4P
   9-BIT MAGNITUDE COMPARATOR
SY10E166 MICREL-SY10E166_06 Datasheet
58Kb / 4P
   9-BIT MAGNITUDE COMPARATOR
logo
ON Semiconductor
MC10E166 ONSEMI-MC10E166_06 Datasheet
123Kb / 7P
   5V ECL 9-Bit Magnitude Comparator
November, 2006 ??Rev. 8
logo
National Semiconductor ...
9324 NSC-9324 Datasheet
118Kb / 6P
   5-Bit Comparator
logo
Fairchild Semiconductor
DM74ALS520 FAIRCHILD-DM74ALS520 Datasheet
51Kb / 5P
   8-Bit Comparator
logo
National Semiconductor ...
DM54LS460 NSC-DM54LS460 Datasheet
60Kb / 3P
   10-Bit Comparator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com