Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3697 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT3697
Description  2A Lithium-Ion/Polymer Battery Charger
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3697 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button AAT3697 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Typical Characteristics
Charge Current vs. Temperature
(ADPSET = 8.06k
Ω
Ω)
Temperature (
°C)
900
920
940
960
980
1000
1020
1040
1060
1080
1100
-50
-25
0
25
50
75
100
Pre-Charge Current vs. Temperature
(ADPSET = 8.06k
Ω
Ω)
Temperature (
°C)
80
90
100
110
120
-50
-25
0
25
50
75
100
Preconditioning Threshold
Voltage vs. Temperature
Temperature (
°°C)
2.95
2.96
2.97
2.98
2.99
3.00
3.01
3.02
3.03
3.04
3.05
-50
-25
0
25
50
75
100
End of Charge Voltage Regulation
vs. Temperature
Temperature (
°°C)
4.158
4.179
4.200
4.221
4.242
-50
-25
0
25
50
75
100
Battery Voltage vs. Supply Voltage
Supply Voltage (V)
4.158
4.179
4.200
4.221
4.242
4.5
4.75
5.0
5.25
5.5
Charge Current vs. R
SET
RSET (k
Ω
Ω)
100
1000
10000
1
10
100
AAT3697
2A Lithium-Ion/Polymer Battery Charger
6
3697.2007.02.1.1


Similar Part No. - AAT3697

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3697 ANALOGICTECH-AAT3697 Datasheet
748Kb / 19P
   2A Lithium-Ion/Polymer Battery Charger
AAT3697IWP-4.2-T1 ANALOGICTECH-AAT3697IWP-4.2-T1 Datasheet
748Kb / 19P
   2A Lithium-Ion/Polymer Battery Charger
AAT3697 ANALOGICTECH-AAT3697_08 Datasheet
748Kb / 19P
   2A Lithium-Ion/Polymer Battery Charger
More results

Similar Description - AAT3697

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3697 ANALOGICTECH-AAT3697_08 Datasheet
748Kb / 19P
   2A Lithium-Ion/Polymer Battery Charger
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
   Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3687 AAT-AAT3687 Datasheet
628Kb / 22P
   Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3685 ANALOGICTECH-AAT3685 Datasheet
455Kb / 23P
   Lithium-Ion/Polymer Battery Charger
AAT3687 ANALOGICTECH-AAT3687_08 Datasheet
816Kb / 20P
   Lithium-Ion/Polymer Battery Charger
AAT3687 ANALOGICTECH-AAT3687 Datasheet
551Kb / 22P
   Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3685 AAT-AAT3685 Datasheet
678Kb / 23P
   Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3682 ANALOGICTECH-AAT3682 Datasheet
233Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
AAT3682 ANALOGICTECH-AAT3682_06 Datasheet
373Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
logo
Advanced Analog Technol...
AAT3682 AAT-AAT3682 Datasheet
373Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com