Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3687 Datasheet(PDF) 5 Page - Advanced Analog Technology, Inc.

Part # AAT3687
Description  Lithium-Ion/Polymer Battery Charger
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3687 Datasheet(HTML) 5 Page - Advanced Analog Technology, Inc.

  AAT3687 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3687 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3687 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3687 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3687 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3687 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3687 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3687 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3687 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Electrical Characteristics1
VADP = 5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max
Units
Logic Control / Protection
VEN(H)
Input High Threshold
1.6
V
VEN(L)
Input Low Threshold
0.4
V
IEN(H)
EN Input Current
AAT3687-1, AAT3687-2 Only;
10
μA
VEN = 5V
VADPP#
Output Low Voltage
ADPP# Pin Sinks 500μA
0.4
V
TC
Preconditioning and Constant
CCT = 100nF, VADP = 5.5V
3.0
Hours
Current Mode Time Out
TP
Preconditioning Time Out
AAT3687, AAT3687-1 Only;
25
Minutes
CCT = 100nF, VADP = 5.5V
TV
Constant Voltage Mode Time Out
CCT = 100nF, VADP = 5.5V
3.0
Hours
VSTAT
Output Low Voltage
STAT Pin Sinks 4mA
0.4
V
ISTAT
STAT Pin Current Sink Capability
8.0
mA
VOVP
Over-Voltage Protection Threshold
4.4
V
ITK/ICHG
Pre-Charge Current
AAT3687, AAT3687-1 Only
10
%
ITERM/ICHG
Charge Termination Threshold
7.5
%
Current
ITS
Current Source from TS Pin
70
80
90
μA
TS1
TS Hot Temperature Fault
Threshold
310
330
350
mV
Hysteresis
15
TS2
TS Cold Temperature Fault
Threshold
2.2
2.3
2.4
V
Hysteresis
10
mV
IDATA
DATA Pin Sink Current
DATA Pin is Active Low State
3
mA
IADPP#
ADPP# Current Sink
ADPP# Pin is Active Low State
8
mA
VDATA(H)
Input High Threshold
1.6
V
VDATA(L)
Input Low Threshold
0.4
V
SQPULSE
Status Request Pulse Width
Status Request
200
ns
tPERIOD
System Clock Period
50
μs
fDATA
Data Output Frequency
20
kHz
TREG
Thermal Loop Regulation
90
°C
TLOOP_IN
Thermal Loop Entering Threshold
110
°C
TLOOP_OUT
Thermal Loop Exiting Threshold
85
°C
TOVSD
Over-Temperature Shutdown
145
°C
Threshold
AAT3687
Lithium-Ion/Polymer Battery Charger
3687.2006.10.1.7
5
1. The AAT3687 output charge voltage is specified over the 0° to 70°C ambient temperature range; operation over the -40°C to +85°C
temperature range is guaranteed by design.


Similar Part No. - AAT3687

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3687 ANALOGICTECH-AAT3687 Datasheet
551Kb / 22P
   Lithium-Ion/Polymer Battery Charger
AAT3687 ANALOGICTECH-AAT3687 Datasheet
816Kb / 20P
   Lithium-Ion/Polymer Battery Charger
AAT3687-1 ANALOGICTECH-AAT3687-1 Datasheet
816Kb / 20P
   Lithium-Ion/Polymer Battery Charger
AAT3687-2 ANALOGICTECH-AAT3687-2 Datasheet
816Kb / 20P
   Lithium-Ion/Polymer Battery Charger
AAT3687IWP-4.2-1-T1 ANALOGICTECH-AAT3687IWP-4.2-1-T1 Datasheet
816Kb / 20P
   Lithium-Ion/Polymer Battery Charger
More results

Similar Description - AAT3687

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
   Lithium-Ion/Polymer Battery Charger
AAT3685 ANALOGICTECH-AAT3685 Datasheet
455Kb / 23P
   Lithium-Ion/Polymer Battery Charger
AAT3687 ANALOGICTECH-AAT3687_08 Datasheet
816Kb / 20P
   Lithium-Ion/Polymer Battery Charger
AAT3687 ANALOGICTECH-AAT3687 Datasheet
551Kb / 22P
   Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3685 AAT-AAT3685 Datasheet
678Kb / 23P
   Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3697 ANALOGICTECH-AAT3697_08 Datasheet
748Kb / 19P
   2A Lithium-Ion/Polymer Battery Charger
AAT3697 ANALOGICTECH-AAT3697 Datasheet
1Mb / 22P
   2A Lithium-Ion/Polymer Battery Charger
AAT3682 ANALOGICTECH-AAT3682 Datasheet
233Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
AAT3682 ANALOGICTECH-AAT3682_06 Datasheet
373Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
logo
Advanced Analog Technol...
AAT3682 AAT-AAT3682 Datasheet
373Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com