Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3682 Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT3682
Description  Lithium-Ion/Polymer Linear Battery Charger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3682 Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT3682 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3682 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3682 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3682 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3682 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3682 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3682 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3682 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3682 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AAT3682
Lithium-Ion/Polymer Linear Battery Charger
3682.2006.12.1.3
1
BatteryManager
General Description
The AAT3682 is a lithium-ion/polymer linear battery
charger. It is designed for compact portable appli-
cations with a single-cell battery. The AAT3682 pre-
cisely regulates battery charge voltage and charge
current, and offers an integrated pass device, mini-
mizing the number of external components required.
The AAT3682 charges the battery in three different
phases: preconditioning, constant current, and con-
stant voltage. In preconditioning mode, the charge
current has two different levels and is controlled by
one external pin. Battery charge temperature and
charge state are carefully monitored for fault condi-
tions. A battery charge stable monitor output pin is
provided to indicate the battery charge status
through a display LED or interface to a system con-
troller. The AAT3682 has a sleep mode option for
when the input supply is removed. In this mode, it
draws only 2.0µA of typical current.
The AAT3682 is available in a Pb-free, 16-pin
QFN44 package and is specified over the -20°C to
+70°C temperature range.
Features
•VIN Range: 4.7V to 6.0V
Low Quiescent Current, Typically 0.5mA
1% Accurate Preset Voltage
Up to 1A of Charging Current
Integrated Pass Device
Battery Temperature Monitoring
Fast Trickle Charge Option
Deep Discharge Cell Conditioning
LED Charge Status Output or System
Microcontroller Serial Interface
Power-On Reset
Lower Power Sleep Mode
Status Outputs for LED or System Interface
Indicates Charge and Fault Conditions
Temperature Range: -20°C to +70°C
16-Pin QFN44 Package
Applications
Cellular Telephones
Digital Still Cameras
Hand-Held PCs
MP3 Players
Personal Data Assistants (PDAs)
Typical Application
VP
Gate
DRV
CSI
VCC
VSS
BAT
T2X
BSENSE
TS
STAT
R
SENSE
C
IN = 10μF
C
OUT = 1μF
LED 1
R
2 = 1K
BATT+
BATT-
R
T1
VP
R
T2
TEMP
Adapter
R
4
R
3


Similar Part No. - AAT3682

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3682 ANALOGICTECH-AAT3682 Datasheet
233Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
AAT3682 ANALOGICTECH-AAT3682 Datasheet
373Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
logo
Skyworks Solutions Inc.
AAT3682 SKYWORKS-AAT3682 Datasheet
1Mb / 18P
   Li-Ion/Polymer Linear Battery Charger
AAT3682-4.2 SKYWORKS-AAT3682-4.2 Datasheet
1Mb / 18P
   Li-Ion/Polymer Linear Battery Charger
logo
Advanced Analogic Techn...
AAT3682ISN-4.2-T1 ANALOGICTECH-AAT3682ISN-4.2-T1 Datasheet
233Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
More results

Similar Description - AAT3682

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3682 ANALOGICTECH-AAT3682 Datasheet
233Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
AAT3682 ANALOGICTECH-AAT3682_06 Datasheet
373Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
   Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3687 AAT-AAT3687 Datasheet
628Kb / 22P
   Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3685 ANALOGICTECH-AAT3685 Datasheet
455Kb / 23P
   Lithium-Ion/Polymer Battery Charger
AAT3687 ANALOGICTECH-AAT3687_08 Datasheet
816Kb / 20P
   Lithium-Ion/Polymer Battery Charger
AAT3687 ANALOGICTECH-AAT3687 Datasheet
551Kb / 22P
   Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3685 AAT-AAT3685 Datasheet
678Kb / 23P
   Lithium-Ion/Polymer Battery Charger
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
logo
Agere Systems
PSC1534 AGERE-PSC1534 Datasheet
1Mb / 8P
   Lithium-Ion Linear Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com