Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3682 Datasheet(PDF) 4 Page - Advanced Analog Technology, Inc.

Part # AAT3682
Description  Lithium-Ion/Polymer Linear Battery Charger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3682 Datasheet(HTML) 4 Page - Advanced Analog Technology, Inc.

  AAT3682 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3682 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3682 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3682 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3682 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3682 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3682 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3682 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3682 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical Characteristics1
VIN = 5.0V, TA = -20°C to +70°C, unless otherwise noted. Typical values are at TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max Units
VIN
Operation Input Voltage
4.7
6.0
V
ICC
Operating Current
VIN = 5.5V, VCH = 4.2
0.5
3.0
mA
ISLEEP
Sleep Mode Current
VIN = 3.5V, VCH = 4.2
3.0
6.0
µA
ISTAT(HI)
STAT High Level Output Leakage Current VIN = 5.5V
-1.0
+1.0
µA
VSTAT(LOW) STAT Low Level Sink Current
VIN = 5.5V, ISINK = 5mA
0.3
0.6
V
VCH
Output Charge Voltage Regulation
VBAT = 4.2V
TA = 25°C
4.175
4.20
4.225
V
See Note 1
4.158
4.20
4.242
VCS
Charge Current Regulation
VIN = 5.5V, VCH = 4.2
90
100
110
mV
ICH
Charge Current2
VIN = 5.5V
1.0
A
VMIN
Preconditioning Voltage Threshold
VCH = 4.2V
3.04
3.1
3.16
V
VTRICKLE
Trickle Charge Current Regulation
T2X Floating; VCH = 4.2V
10
mV
T2X
Trickle Charge Current Gain
T2X = VSS
1.8
VTS1
Low Temperature Threshold
29.1
30
30.9
%VCC
VTS2
High Temperature Threshold
58.2
60
61.8
%VCC
VTERM
Charge Termination Threshold Voltage
4
12
24
mV
VRCH
Battery Recharge Voltage Threshold
VCH = 4.2V
4.018
4.1
4.182
V
VUVLO
Under-Voltage Lockout
VIN Rising, TA = 25°C
3.5
4.0
4.5
V
VOVP
Over-Voltage Protection Threshold
4.4
V
VOCP
Over-Current Protection Threshold
200
%VCS
AAT3682
Lithium-Ion/Polymer Linear Battery Charger
4
3682.2006.12.1.3
1. The AAT3682 output charge voltage is specified over the 0°C to 55°C ambient temperature range; operation over -20°C to 70°C is guar-
anteed by design.
2. 1A of charging current is only for dynamic applications and not DC. In addition, the ambient temperature must be at or below 50°C.


Similar Part No. - AAT3682

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3682 ANALOGICTECH-AAT3682 Datasheet
233Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
AAT3682 ANALOGICTECH-AAT3682 Datasheet
373Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
logo
Skyworks Solutions Inc.
AAT3682 SKYWORKS-AAT3682 Datasheet
1Mb / 18P
   Li-Ion/Polymer Linear Battery Charger
AAT3682-4.2 SKYWORKS-AAT3682-4.2 Datasheet
1Mb / 18P
   Li-Ion/Polymer Linear Battery Charger
logo
Advanced Analogic Techn...
AAT3682ISN-4.2-T1 ANALOGICTECH-AAT3682ISN-4.2-T1 Datasheet
233Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
More results

Similar Description - AAT3682

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3682 ANALOGICTECH-AAT3682 Datasheet
233Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
AAT3682 ANALOGICTECH-AAT3682_06 Datasheet
373Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
   Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3687 AAT-AAT3687 Datasheet
628Kb / 22P
   Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3685 ANALOGICTECH-AAT3685 Datasheet
455Kb / 23P
   Lithium-Ion/Polymer Battery Charger
AAT3687 ANALOGICTECH-AAT3687_08 Datasheet
816Kb / 20P
   Lithium-Ion/Polymer Battery Charger
AAT3687 ANALOGICTECH-AAT3687 Datasheet
551Kb / 22P
   Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3685 AAT-AAT3685 Datasheet
678Kb / 23P
   Lithium-Ion/Polymer Battery Charger
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
logo
Agere Systems
PSC1534 AGERE-PSC1534 Datasheet
1Mb / 8P
   Lithium-Ion Linear Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com