Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3532 Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part # AAT3532
Description  MicroPower??Microprocessor Reset Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3532 Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT3532 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3532 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3532 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3532 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3532 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3532 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3532 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3532 Datasheet HTML 8Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AAT3532
MicroPower™ Microprocessor Reset Circuit
3532.2005.12.1.2
3
Absolute Maximum Ratings
1
T
A = 25°C, unless otherwise noted.
Thermal Characteristics
3
Symbol
Description
Value
Units
Θ
JA
Maximum Thermal Resistance
100
°C/W
P
D
Maximum Power Dissipation
1.25
W
Symbol
Description
Value
Units
V
CC
V
CC to GND
-0.5 to 6
V
V
I/O
Voltage on I/O Pins Relative to GND
-0.5 to (V
CC+0.5)
V
T
A
Operating Temperature Range
-40 to 85
°C
T
S
Storage Temperature Range
-65 to 150
°C
T
LEAD
Maximum Soldering Temperature (at leads) for 10s
300
°C
V
ESD
ESD Rating
2—HBM
2000
V
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
3. Mounted on an FR4 board.


Similar Part No. - AAT3532

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532 Datasheet
230Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Skyworks Solutions Inc.
AAT3532 SKYWORKS-AAT3532 Datasheet
580Kb / 8P
   MicroPowerTM Microprocessor Reset Circuit
August 8, 2012
logo
Advanced Analogic Techn...
AAT3532IAS-B1 ANALOGICTECH-AAT3532IAS-B1 Datasheet
230Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3532IAS-T1 ANALOGICTECH-AAT3532IAS-T1 Datasheet
230Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3532IAS-T1 ANALOGICTECH-AAT3532IAS-T1 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
More results

Similar Description - AAT3532

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532 Datasheet
230Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520_06 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001 Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3011 ANPEC-APR3011 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3011 ANPEC-APR3011_09 Datasheet
277Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR3021 ANPEC-APR3021 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532_05 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520 Datasheet
225Kb / 8P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3520 AAT-AAT3520 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001_08 Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com