Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT3526 Datasheet(PDF) 6 Page - Advanced Analog Technology, Inc.

Part No. AAT3526
Description  MicroPower™ Supervisory Circuit with Manual Reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3526 Datasheet(HTML) 6 Page - Advanced Analog Technology, Inc.

  AAT3526 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3526 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3526 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3526 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3526 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3526 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3526 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3526 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3526 Datasheet HTML 9Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AAT3526/7/8
MicroPower™ Supervisory Circuit
with Manual Reset
6
3526.2006.03.1.6
Functional Description
General
During start-up, the reset pin on a microprocessor
ensures that it is fully reset and starts up in a known
condition. The AAT3526/7/8 series of microproces-
sor reset devices monitor the supply voltage to a
microprocessor and assert a reset signal whenever
the V
CC voltage falls below a factory-programmed
threshold. This threshold is accurate within ±1.5%
at 25ºC and within ±2.5% over the entire operating
temperature range. The reset signal remains
asserted for a minimum of 150ms after V
CC has
risen above the threshold, as shown in Figure 1.
Functional Block Diagram
Reset
Generator
+ Timer
Oscillator
VCC
GND
RESET
(RESET)
MR
VREF
Figure 1: Reset Timing Diagram.
V
CC
V
TH
V
TH
V
TH
t
RDY
t
RDY


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn