Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT3526 Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part No. AAT3526
Description  MicroPower™ Supervisory Circuit with Manual Reset
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AAT [Advanced Analog Technology, Inc.]
Homepage  http://www.aatech.com.tw
Logo 

AAT3526 Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AAT3526/7/8
MicroPower™ Supervisory Circuit
with Manual Reset
3526.2006.03.1.6
3
Absolute Maximum Ratings
1
T
A = 25°C, unless otherwise noted.
Thermal Information
2
Symbol
Description
Value
Units
Θ
JA
Maximum Thermal Resistance
200
°C/W
P
D
Maximum Power Dissipation
320
mW
Symbol
Description
Value
Units
V
CC
V
CC to GND
-0.3 to 5.5
V
V
MR
MR to GND
-0.3 to V
CC + 0.3
V
V
RESET
RESET to GND (Push-Pull Output)
-0.3 to V
CC + 0.3
V
RESET to GND (Open Drain Output)
-0.3 to 5.5
I
VCC, IMR
Maximum Continuous Input Current
20
mA
I
RESET
RESET/RESET Current
20
mA
dVcc/dt
Rate of Rise of V
CC
100
V/µs
T
J
Operating Junction Temperature Range
-40 to 150
°C
T
LEAD
Maximum Soldering Temperature (at Leads) for 10s
300
°C
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on an FR4 board.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn