Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S355FC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100S355FC
Description  QUAD MULTIPLEXER/LATCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S355FC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100S355FC Datasheet HTML 1Page - Micrel Semiconductor SY100S355FC Datasheet HTML 2Page - Micrel Semiconductor SY100S355FC Datasheet HTML 3Page - Micrel Semiconductor SY100S355FC Datasheet HTML 4Page - Micrel Semiconductor SY100S355FC Datasheet HTML 5Page - Micrel Semiconductor SY100S355FC Datasheet HTML 6Page - Micrel Semiconductor SY100S355FC Datasheet HTML 7Page - Micrel Semiconductor SY100S355FC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SY100S355
Micrel, Inc.
M9999-032406
hbwhelp@micrel.com or (408) 955-1690
Inputs
Outputs
MR
E1
E2
S1
S0
D1X
D0X
QX
QX
H
X
X
XXX
X
H
L
L
L
L
HHH
X
L
H
LL
L
H
H
L
X
H
L
LL
L
L
L
X
H
L
H
LL
L
L
L
X
L
H
L
LL
L
L
H
X
X
H
L
LL
L
H
L
H
X
L
H
LL
L
H
L
X
H
L
H
LL
L
H
L
L
L
H
L
L
H
X
X
X
X
X
Latched
L
X
H
X
X
X
X
Latched
NOTE:
1. H = High Voltage Level
L = Low Voltage Level
X = Don't Care
TRUTH TABLE(1)
DC ELECTRICAL CHARACTERISTICS
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
µAVIN = VIH (Max.)
S0, S1
220
E1, E2
350
Dna, Dnd
340
MR
430
IEE
Power Supply Current
–80
–57
–40
mA
Inputs Open
Pin
Function
E1 – E2
Enable Inputs (Active LOW)
S0, S1
Select Inputs
MR
Master Reset
Dna – Dnd
Data Inputs
Qa – Qd
Data Outputs
Qa — Qd
Complementary Data Outputs
VEES
VEE Substrate
VCCA
VCCO for ECL Outputs
PIN NAMES


Similar Part No. - SY100S355FC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S355FC MICREL-SY100S355FC Datasheet
114Kb / 7P
   QUAD MULTIPLEXER/LATCH
More results

Similar Description - SY100S355FC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S355 MICREL-SY100S355 Datasheet
114Kb / 7P
   QUAD MULTIPLEXER/LATCH
SY100S355 MICREL-SY100S355_07 Datasheet
90Kb / 6P
   QUAD MULTIPLEXER/LATCH
logo
ON Semiconductor
MC10H173 ONSEMI-MC10H173 Datasheet
156Kb / 5P
   Quad 2?묲nput Multiplexer/Latch
June, 2006 ??Rev. 7
logo
National Semiconductor ...
100355 NSC-100355 Datasheet
148Kb / 10P
   Low Power Quad Multiplexer/Latch
logo
Texas Instruments
100355 TI1-100355 Datasheet
237Kb / 9P
[Old version datasheet]   Low Power Quad Multiplexer/Latch
logo
ON Semiconductor
MC10173 ONSEMI-MC10173_02 Datasheet
111Kb / 8P
   Quad 2-Input Multiplexer/ Latch
January, 2002 ??Rev. 7
MC10173 ONSEMI-MC10173 Datasheet
109Kb / 5P
   Quad 2-Input Multiplexer/Latch
1996 REV 5
logo
Fairchild Semiconductor
100355 FAIRCHILD-100355 Datasheet
88Kb / 10P
   Low Power Quad Multiplexer/Latch
logo
Motorola, Inc
MC10H173 MOTOROLA-MC10H173 Datasheet
73Kb / 4P
   QUAD 2-INPUT MULTIPLEXER / LATCH
MC10168 MOTOROLA-MC10168 Datasheet
73Kb / 4P
   Quad Latch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com