Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT3520 Datasheet(PDF) 2 Page - Advanced Analog Technology, Inc.

Part No. AAT3520
Description  MicroPower™ Microprocessor Reset Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AAT [Advanced Analog Technology, Inc.]
Homepage  http://www.aatech.com.tw
Logo 

AAT3520 Datasheet(HTML) 2 Page - Advanced Analog Technology, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AAT3520/2/4
MicroPower™ Microprocessor Reset Circuit
2
3520.2006.03.1.2
Pin Descriptions
Part Number Descriptions
Pin Configuration
SOT23-3
(Top View)
VCC
(RESET) RESET
GND
1
2
3
Part Number
Part Description
AAT3520
Reset Output Push Pull Active High with Delay
AAT3522
Reset Output Push Pull Active Low with Delay
AAT3524
Reset Output Open Drain Active Low with Delay
Pin #
Symbol
Function
1
GND
Ground connection.
RESET
RESET output remains high while V
CC is below the reset threshold
2
(AAT3520)
and remains so for a fixed time period after V
CC raises above the
reset threshold.
RESET
RESET output remains low while V
CC is below the reset threshold
(AAT3522,
and remains so for a fixed time period after V
CC raises above the
AAT3524)
reset threshold.
3
VCC
Supply voltage (+1.2V to +5.5V). Due to extremely low operating
current, place a 10nF capacitor between VCC and GND.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn