Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3242 Datasheet(PDF) 2 Page - Advanced Analog Technology, Inc.

Part # AAT3242
Description  300mA/150mA Dual CMOS LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3242 Datasheet(HTML) 2 Page - Advanced Analog Technology, Inc.

  AAT3242 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3242 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3242 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3242 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3242 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3242 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3242 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3242 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3242 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AAT3242
300mA/150mA Dual CMOS LDO Linear Regulator
2
3242.2006.04.1.10
Pin Descriptions
Pin Configuration
TSOPJW-12
(Top View)
1
2
3
4
5
6
12
11
10
9
8
7
ENA
GND
GND
POKA
OUTB
INB
INA
OUTA
POKB
GND
GND
ENB
Pin #
Symbol
Function
1
ENA
Enable Regulator A pin; this pin should not be left floating. When pulled
low, the PMOS pass transistor turns off and the device enters shutdown
mode, consuming less than 1µA.
2, 3, 8, 9
GND
Ground connection pins.
4
POKA
Power OK pin with open drain output. It is pulled low when the OUTA pin is
below the 10% regulation window.
5
OUTB
Low current (150mA) regulator output pin; should be decoupled with a
2.2µF or greater output low-ESR ceramic capacitor.
6
INB
Input voltage pin for Regulator B; should be decoupled with 1µF or greater
capacitor.
7
ENB
Enable Regulator B; this pin should not be left floating. When pulled low, the
PMOS pass transistor turns off and the device enters shutdown mode, con-
suming less than 1µA.
10
POKB
Power OK pin with open drain output. It is pulled low when the OUTB pin is
below the 10% regulation window.
11
OUTA
High-current (300mA) regulator output pin; should be decoupled with a
2.2µF or greater output low-ESR ceramic capacitor.
12
INA
Input voltage pin for Regulator A; should be decoupled with 1µF or greater
capacitor.


Similar Part No. - AAT3242

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
1Mb / 15P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3242ITP-IG-T1 ANALOGICTECH-AAT3242ITP-IG-T1 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3242ITP-IG-T1 ANALOGICTECH-AAT3242ITP-IG-T1 Datasheet
1Mb / 15P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3242ITP-IN-T1 ANALOGICTECH-AAT3242ITP-IN-T1 Datasheet
1Mb / 15P
   300mA/150mA Dual CMOS LDO Linear Regulator
More results

Similar Description - AAT3242

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242_08 Datasheet
1Mb / 15P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Advanced Analogic Techn...
AAT3244 ANALOGICTECH-AAT3244 Datasheet
824Kb / 15P
   300mA Adjustable Dual CMOS Low Voltage LDO Linear Regulator
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com