Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT3236 Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part No. AAT3236
Description  300mA CMOS High Performance LDO
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AAT [Advanced Analog Technology, Inc.]
Homepage  http://www.aatech.com.tw
Logo 

AAT3236 Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Absolute Maximum Ratings
1
T
A = 25°C, unless otherwise noted.
Thermal Information
2
Recommended Operating Conditions
Symbol
Description
Rating
Units
V
IN
Input Voltage
(V
OUT + 0.3) to 5.5
V
T
Ambient Temperature Range
-40 to +85
°C
Symbol
Description
Value
Units
Θ
JA
Maximum Thermal Resistance (SOT23-5, SC70JW-8)
190
°C/W
P
D
Maximum Power Dissipation (SOT23-5, SC70JW-8)
526
mW
Symbol
Description
Value
Units
V
IN
Input Voltage
6
V
V
ENIN(MAX)
Maximum EN to Input Voltage
0.3
V
I
OUT
DC Output Current
P
D/(VIN - VO)mA
T
J
Operating Junction Temperature Range
-40 to 150
°C
AAT3236
300mA CMOS High Performance LDO
3236.2007.03.1.4
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on a demo board.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AAT3215150mA CMOS High Performance LDO 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
MIC5318High Performance 300mA uCap ULDO TM 1 2 3 4 5 MoreMicrel Semiconductor
CM2830_04300mA CMOS LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MIC5335Dual High Performance 300mA UCap ULDO 1 2 3 4 5 MoreMicrel Semiconductor
NCP600High Performance Low-Power LDO Regulator with Enable 1 2 3 4 5 MoreON Semiconductor
NM27C512524 288-Bit 64K x 8 High Performance CMOS EPROM 1 2 3 4 5 MoreNational Semiconductor (TI)
PAN301ACMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AAT3218150mA MicroPower™ High Performance LDO 1 2 3 4 5 MoreAdvanced Analogic Technologies
XRD64L153.3V CMOS 10-Bit 20MSPS High Speed Analog-to-Digital Converter 1 2 3 4 5 MoreExar Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn