Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT3201 Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part No. AAT3201
Description  150mA OmniPower™ LDO Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AAT [Advanced Analog Technology, Inc.]
Homepage  http://www.aatech.com.tw
Logo 

AAT3201 Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AAT3201
150mA OmniPower™ LDO Linear Regulator
3201.2006.01.1.2
1
PowerLinear
General Description
The AAT3201 PowerLinear OmniPower low dropout
(LDO) linear regulator is ideal for systems where a
low-cost solution is critical.
This device features
extremely low quiescent current, typically 20µA.
Dropout voltage is also very low, typically 200mV.
The AAT3201 has an enable pin feature which,
when pulled low, will enter the LDO regulator into
shutdown mode, removing power from its load and
offering extended power conservation capabilities
for portable, battery-powered applications.
The AAT3201 has output short-circuit and over-
current protection. In addition, the device has an
over-temperature protection circuit that will shut
down the LDO regulator during extended over-cur-
rent events.
The AAT3201 is available in the Pb-free, space-sav-
ing 5-pin SOT23 package. The device is rated over
the -40°C to +85°C temperature range. Since only
a small, 1µF ceramic output capacitor is recom-
mended, the AAT3201 is a truly cost-effective volt-
age conversion solution.
The AAT3201 is similar to the AAT3200 with the
exception that it offers further power savings with
its enable pin.
Features
20µA Quiescent Current
Low Dropout: 200mV (typical)
Guaranteed 150mA Output
High Accuracy: ±2%
Current Limit Protection
Over-Temperature Protection
Extremely Low Power Shutdown Mode
Low Temperature Coefficient
Factory-Programmed Output Voltages
— 1.8V to 3.5V
Stable Operation With Virtually Any Output
Capacitor Type
5-Pin SOT23 Package
Applications
Cellular Phones
Consumer Electronics
Typical Application
AAT3201
IN
EN
INPUT
GND
OUT
OUTPUT
GND
GND
ENABLE
CIN
1
µF
COUT
1
µF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AAT3200OmniPower™ LDO Linear Regulator 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
FS8855500mA LDO Linear Regulator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
FS8854350mA LDO Linear Regulator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
GM6155150mA LOW - NOISE LDO REGULATOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
FS8856550mA LDO Linear Regulator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LTC1705Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO 1 2 3 4 5 MoreLinear Technology
TPS748011.5A LDO Linear Regulator with Programmable Soft-Start 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn