Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZG03 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. BZG03
Description  Voltage regulator diodes
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BZG03 Datasheet(HTML) 3 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1996 Jun 07
3
Philips Semiconductors
Preliminary specification
Voltage regulator diodes
BZG03 series
ELECTRICAL CHARACTERISTICS
Total series
Tj =25 °C unless otherwise specified.
Per type
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 0.5 A; see Fig.4
1.2
V
TYPE
No.
SUFFIX
(1)
WORKING VOLTAGE
DIFFERENTIAL
RESISTANCE
TEMPERATURE
COEFFICIENT
TEST
CURRENT
REVERSE CURRENT
at REVERSE VOLTAGE
VZ (V) at IZ
rdif (Ω)atIZ
SZ (%/K) at IZ
IZ (mA)
IR (µA)
VR (V)
MIN.
NOM.
MAX.
TYP.
MAX.
MIN.
MAX.
MAX.
C10
9.4
10
10.6
2
4
0.05
0.09
50
7
7.5
C11
10.4
11
11.6
4
7
0.05
0.10
50
4
8.2
C12
11.4
12
12.7
4
7
0.05
0.10
50
3
9.1
C13
12.4
13
14.1
5
10
0.05
0.10
50
2
10
C15
13.8
15
15.6
5
10
0.05
0.10
50
1
11
C16
15.3
16
17.1
6
15
0.06
0.11
25
1
12
C18
16.8
18
19.1
6
15
0.06
0.11
25
1
13
C20
18.8
20
21.2
6
15
0.06
0.11
25
1
15
C22
20.8
22
23.3
6
15
0.06
0.11
25
1
16
C24
22.8
24
25.6
7
15
0.06
0.11
25
1
18
C27
25.1
27
28.9
7
15
0.06
0.11
25
1
20
C30
28
30
32
8
15
0.06
0.11
25
1
22
C33
31
33
35
8
15
0.06
0.11
25
1
24
C36
34
36
38
21
40
0.06
0.11
10
1
27
C39
37
39
41
21
40
0.06
0.11
10
1
30
C43
40
43
46
24
45
0.07
0.12
10
1
33
C47
44
47
50
24
45
0.07
0.12
10
1
36
C51
48
51
54
25
60
0.07
0.12
10
1
39
C56
52
56
60
25
60
0.07
0.12
10
1
43
C62
58
62
66
25
80
0.08
0.13
10
1
47
C68
64
68
72
25
80
0.08
0.13
10
1
51
C75
70
75
79
30
100
0.08
0.13
10
1
56
C82
77
82
87
30
100
0.08
0.13
10
1
62
C91
85
91
96
60
200
0.09
0.13
5
1
68
C100
94
100
106
60
200
0.09
0.13
5
1
75
C110
104
110
116
80
250
0.09
0.13
5
1
82
C120
114
120
127
80
250
0.09
0.13
5
1
91


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX79Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
BZX55C2V4RL500 mW DO-35 Glass Zener Voltage Regulator Diodes 1 2 3 4 5 MoreMotorola, Inc
BZX84SOT23 SILICON PLANAR VOLTAGE REGULATOR DIODES 1 2 3 Zetex Semiconductors
BZD23Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
BZX84Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
PMLL5225BVoltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
BZD27Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
BZX99Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
FMMZ5232SOT23 SILICON VOLTAGE REGULATOR DIODES 1 2 List of Unclassifed Manufacturers
BZG01SMA voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn