Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZG03 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. BZG03
Description  Voltage regulator diodes
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BZG03 Datasheet(HTML) 5 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1996 Jun 07
5
Philips Semiconductors
Preliminary specification
Voltage regulator diodes
BZG03 series
GRAPHICAL DATA
Fig.2
Maximum total power dissipation as a
function of temperature.
Solid line: tie-point temperature.
Dotted line: ambient temperature; device mounted on an Al2O3 PCB
as shown in Fig.5.
handbook, halfpage
0
200
4
0
2
1
3
MBH451
Ptot
(W)
100
T (
°C)
Tj =25 °C prior to surge.
Fig.3
Maximum non-repetitive peak reverse
power dissipation as a function of pulse
duration (square pulse).
handbook, halfpage
10−2
10
102
103
104
10−1
1tp (ms)
PZSM
(W)
10
MBH452
Tj =25 °C.
Fig.4
Forward current as a function of forward
voltage; typical values.
handbook, halfpage
02
3
0
1
2
MBH453
IF
(A)
1
VF (V)
Fig.5 Printed-circuit board for surface mounting.
Dimensions in mm.
MSB213
4.5
2.5
1.25
50
50


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX79Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
BZX55C2V4RL500 mW DO-35 Glass Zener Voltage Regulator Diodes 1 2 3 4 5 MoreMotorola, Inc
BZX84SOT23 SILICON PLANAR VOLTAGE REGULATOR DIODES 1 2 3 Zetex Semiconductors
BZD23Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
BZX84Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
PMLL5225BVoltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
BZD27Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
BZX99Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
FMMZ5232SOT23 SILICON VOLTAGE REGULATOR DIODES 1 2 List of Unclassifed Manufacturers
BZG01SMA voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn