Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT3169 Datasheet(PDF) 4 Page - Advanced Analog Technology, Inc.

Part No. AAT3169
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AAT [Advanced Analog Technology, Inc.]
Homepage  http://www.aatech.com.tw
Logo 

AAT3169 Datasheet(HTML) 4 Page - Advanced Analog Technology, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical Characteristics1
CIN = COUT = C1 = C2 = 1.0µF; TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = 25°C,
VIN = 3.6V.
Symbol
Description
Conditions
Min
Typ Max Units
Input Power Supply
VIN
Operation Range
2.7
5.5
V
1X Mode, 3.0
≤ VIN ≤ 5.5, Active,
0.3
No Load Current, High Current Mode
1.5X Mode, 3.0
≤ VIN ≤ 5.5, Active,
1mA
ICC
Operating Current
No Load Current, High Current Mode
2X Mode, 3.0
≤ VIN ≤ 5.5, Active,
1
No Load Current, High Current Mode
1X Mode, 3.0
≤ VIN ≤ 5.5, D6 Active,
65
90
µA
No Load Current, Low Current Mode
ISHDN
Shutdown Current
VEN/SET = 0V
1
µA
Current Accuracy
ISET = 20mA, TA = 25°C
-10
10
IDX
ISET = 2.4mA, TA = 25°C
-20
20
%
Low Current Accuracy
ISET = 400µA, TA = 25°C
-20
20
I(D-Match)
Current Matching2
VF:D1:D6 = 3.6V
0.5
1
%
VTH
1X to 1.5X or 1.5X to 2X Transition
ISET = 20mA
150
mV
Threshold at Any ISINK Pin
Charge Pump Section
TSS
Soft-Start Time
100
µs
FCLK
Clock Frequency
1000
kHz
EN/SET
VEN(L)
Enable Threshold Low
VIN = 2.7V
0.4
V
VEN(H)
Enable Threshold High
VIN = 5.5V
1.4
V
TEN/SET LO
EN/SET Low Time
0.3
75
µs
TEN/SET_HI_MIN Minimum EN/SET High Time
50
ns
TEN/SET_HI_MAX Maximum EN/SET High Time
75
µs
TOFF
EN/SET Off Timeout
500
µs
TLAT
EN/SET Latch Timeout
500
µs
IEN/SET
EN/SET Input Leakage
-1
1
µA
AAT3169
High Efficiency 1X/1.5X/2X Charge
Pump for White LED Applications
4
3169.2006.08.1.2
1. The AAT3169 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured
by design, characterization, and correlation with statistical process controls.
2. Current matching is defined as the deviation of any sink current from the average of all active channels.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn