Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT3167 Datasheet(PDF) 6 Page - Advanced Analog Technology, Inc.

Part No. AAT3167
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AAT [Advanced Analog Technology, Inc.]
Homepage  http://www.aatech.com.tw
Logo 

AAT3167 Datasheet(HTML) 6 Page - Advanced Analog Technology, Inc.

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Typical Characteristics
CIN = COUT = C1 = C2 = 1.0µF; TA = 25°C, VIN = 3.6V, unless otherwise noted.
Input Ripple vs. Input Voltage
Input Voltage (V)
0
2
4
6
8
10
12
14
16
18
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
27mA
18mA
14mA
Load Characteristics
(VIN = 3.3V; 2X Mode; 27mA Load)
Time (500ns/div)
CP
(40mV/div)
VSINK
(40mV/div)
V
IN
(40mV/div)
Load Characteristics
(VIN = 4.2V; 1.5X Mode; 27mA Load)
Time (500ns/div)
CP
(40mV/div)
VSINK
(40mV/div)
VIN
(40mV/div)
Load Characteristics
(VIN = 2.9V; 2X Mode; 18mA Load)
Time (500ns/div)
CP
(40mV/div)
VSINK
(40mV/div)
V
IN
(40mV/div)
Load Characteristics
(VIN = 3.9V; 1.5X Mode; 18mA Load)
Time (500ns/div)
CP
(40mV/div)
VSINK
(40mV/div)
V
IN
(40mV/div)
AAT3167
High Efficiency 1X/1.5X/2X Charge
Pump for White LED Applications
6
3167.2007.03.1.4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn