Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT3158 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part No. AAT3158
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANALOGICTECH [Advanced Analogic Technologies]
Homepage  http://www.analogictech.com
Logo 

AAT3158 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Typical Characteristics
Diode Current vs. Temperature
(20mA/channel)
Temperature (
°°C)
18.0
18.5
19.0
19.5
20.0
20.5
21.0
21.5
22.0
-40
-25
-10
5
20
35
50
65
80
95
ID1
ID4
ID2
ID3
Turn-Off from 1.5X Mode
(VIN = 3.5V; 20mA/ch Load)
Time (100µs/div)
EN/SET
(2V/div)
VF
(1V/div)
IIN
(100mA/div)
Turn-On to 2X Mode
(VIN = 2.8V; 20mA/ch Load)
Time (100µs/div)
EN/SET
(2V/div)
VOUT
(2V/div)
IIN
(500mA/div)
VSINK
(500mV/div)
Turn-On to 1.5X Mode
(VIN = 3.5V; 20mA/ch Load)
Time (100µs/div)
EN/SET
(2V/div)
VOUT
(2V/div)
IIN
(200mA/div)
VSINK
(1V/div)
Turn-On to 1X Mode
(VIN = 4.2V; 20mA/ch Load)
Time (100µs/div)
EN/SET
(2V/div)
VOUT
(2V/div)
IIN
(100mA/div)
VSINK
(1V/div)
Efficiency vs. Supply Voltage
Supply Voltage (V)
30
40
50
60
70
80
90
100
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
6mA/ch
VF = 3V
500µA/ch
VF = 2.7V
20mA/ch
VF = 3.4V
AAT3158
High Efficiency 1X/1.5X/2X Charge Pump
for White LED Applications
3158.2006.02.1.0
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn