Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3156 Datasheet(PDF) 10 Page - Advanced Analog Technology, Inc.

Part # AAT3156
Description  High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3156 Datasheet(HTML) 10 Page - Advanced Analog Technology, Inc.

Back Button AAT3156 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3156 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3156 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3156 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3156 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3156 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3156 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3156 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3156 Datasheet HTML 14Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AAT3156
High Efficiency 1X/1.5X/2X Charge Pump
For White LED Applications
10
3156.2005.09.1.2
AS
2Cwire Serial Interface Timing
Address
Data
1
EN/SET
2
17
18
Address
Data Reg 1
Data Reg 2
1
2 . . .
n <= 16
12
1
1
n
T
HI
TLO
TLAT
T
LAT
AS
2Cwire Addressing
Five addresses are available to enable all of the
part's functionality. Two 4-bit registers control the
main and sub-channels, giving 16 settings for each.
The main and sub-channels are programmed to the
same constant current level by using Address 1.
Use Addresses 2 and 3 to program the main and
sub-channels independently. Use Address 4 to pro-
gram the Max Current register, which sets the Max
Current scale. Lastly, Address 5 programs the Low
Current register. The Low Current register controls
the efficient Low Current mode. When the Max
Current register is programmed to 1, 2, or 3, chang-
ing the data for Addresses 1-3 will result in the cor-
responding values found in the Constant Current
Programming Levels table.
When the Max Current register is programmed to 4,
the part is programmed to operate in Low Current
mode and the Data for Addresses 1-3 is irrelevant.
In Low Current mode, the Low Current register
takes precedence. See the Low Current Register
Settings table below for the current level settings
and main/sub-configurations that result.
Max Current and Low Current Registers
Use the Max Current and Low Current registers to
program constant current settings outside of the
20mA Max scale. By default (without changing the
Max Current register), the AAT3156 operates in the
20mA Max scale (see Constant Current Program-
ming Levels). For example, to change to the 30mA
Max scale, address the Max Current register with
20 rising edges and pause for T
LAT. Program the
Max Current register with 2 rising edges and pause
for T
LAT. The part will next operate in the same Data
row, but for the setting found in the 30mA Max col-
umn. Next, to change to a different setting on the
30mA Max scale, address the D1-D6 register with
17 rising edges. Program the new constant current
level with 1-16 rising edges. The part will update to
the new Data setting according to the Constant
Current Programming Levels table.
The AAT3156 has a distinct Low Current mode with
ultra-low quiescent current. For drive currents of
2mA or less, the part operates with significantly
reduced quiescent current. This is particularly use-
ful for applications requiring an "always on" condi-
tion such as transmissive displays. As an example,
to change to Low Current mode, address the Max
Current register with 20 rising edges and pause for
T
LAT. Program the Max Current register with 4 ris-
ing edges and pause for T
LAT. Address the Low
Current register with 21 rising edges and pause for
T
LAT. Program the Low Current register with 1-16
rising edges. The part will update to the new Low
Current mode setting and operate with significant-
ly reduced quiescent current.
EN/SET
Addressed
Address
Edges
Register
1
17
1&2: D1-D6
Current
2
18
1: D1-D4 Current
3
19
2: D5-D6 Current
4
20
3: Max Current
5
21
4: Low Current


Similar Part No. - AAT3156

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3156 ANALOGICTECH-AAT3156 Datasheet
333Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3156 ANALOGICTECH-AAT3156 Datasheet
340Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3156ISN-T1 ANALOGICTECH-AAT3156ISN-T1 Datasheet
333Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3156ISN-T1 ANALOGICTECH-AAT3156ISN-T1 Datasheet
340Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3156 ANALOGICTECH-AAT3156_05 Datasheet
340Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results

Similar Description - AAT3156

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
logo
Advanced Analog Technol...
AAT3151 AAT-AAT3151 Datasheet
444Kb / 15P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3167 AAT-AAT3167 Datasheet
438Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3153 ANALOGICTECH-AAT3153 Datasheet
145Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com